Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS5758 Datasheet(PDF) 64 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 60Page - Analog Devices ADFS5758 Datasheet HTML 61Page - Analog Devices ADFS5758 Datasheet HTML 62Page - Analog Devices ADFS5758 Datasheet HTML 63Page - Analog Devices ADFS5758 Datasheet HTML 64Page - Analog Devices ADFS5758 Datasheet HTML 65Page - Analog Devices ADFS5758 Datasheet HTML 66Page - Analog Devices ADFS5758 Datasheet HTML 67Page - Analog Devices ADFS5758 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 64 of 75
Bits
Bit Name
Description
Reset
Access
7
VIOUT_OV_ERR_DEGLITCH
Adjust the deglitch time on VIOUT overvoltage error flag.
0x0
R/W
0: deglitch time set to 1.02 ms (default).
1: deglitch time set to 128 μs.
6
VIOUT_PULLDOWN_EN
Enable the 30 kΩ resistor to ground on VIOUT.
0x0
R/W
0: disable (default).
1: enable.
[5:4]
DCDC_ADC_CONTROL_DIAG
Select which dc-to-dc die node is multiplexed to the ADC on the
main die.
0x0
R/W
00: AGND on dc-to-dc die.
01: internal 2.5 V supply on dc-to-dc die.
10: AVDD1.
11: reserved (do not select this option).
[3:1]
DCDC_ILIMIT
These three bits set the dc-to-dc converter current limit.
0x0
R/W
000: 150 mA (default).
001: 200 mA.
010: 250 mA.
011: 300 mA.
100: 350 mA.
101: 400 mA.
110: 400 mA.
111: 400 mA.
0
Reserved
Reserved.
0x0
R/W
Watchdog Timer (WDT) Configuration Register
Address: 0x0F, Reset: 0x0F0009, Name: WDT_CONFIG
This register configures the WDT timeout values. This register also configures the WDT setup in terms of acceptable resets and the
resulting response to a WDT fault (for example, clear the output or reset the device).
Table 41. Bit Descriptions for WDT_CONFIG
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:11]
RESERVED
Reserved.
0x0
R
10
CLEAR_ON_WDT_FAIL
Enable clear on watchdog timer fault. If the watchdog timer times out, a clear event
occurs, whereby the output is loaded with the clear code stored in the
CLEAR_CODE register.
0x0
R/W
0: disable (default).
1: enable.
9
RESET_ON_WDT_FAIL
Enable a software reset to automatically occur if the WDT times out.
0x0
R/W
0: disable (default).
1: enable.
8
KICK_ON_VALID_WRITE
Enable any valid SPI command to reset the WDT. Any active WDT error flags must
be cleared before the WDT can be restarted.
0x0
R/W
0: disable (default).
1: enable.
7
DOUBLE_WR_KICK_EN
When this bit is set, two specific consecutive keys codes are required to kick the
watchdog timer. Note that any active WDT error flags need to be cleared before the
WDT can be restarted.
0x0
R/W
0: disable (default). A single key code is required to kick the watchdog timer.
1: enable. A double key code is required to kick the watchdog timer.
6
WDT_EN
Enable the WDT. The next kick starts the watchdog, assuming there are no active
WDT fault flags.
0x0
R/W
0: disable (default).
1: enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com