Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS5758 Datasheet(PDF) 48 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 44Page - Analog Devices ADFS5758 Datasheet HTML 45Page - Analog Devices ADFS5758 Datasheet HTML 46Page - Analog Devices ADFS5758 Datasheet HTML 47Page - Analog Devices ADFS5758 Datasheet HTML 48Page - Analog Devices ADFS5758 Datasheet HTML 49Page - Analog Devices ADFS5758 Datasheet HTML 50Page - Analog Devices ADFS5758 Datasheet HTML 51Page - Analog Devices ADFS5758 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 48 of 75
SELECT DEPTH
(NUMBER OF CHANNELS)
LOAD DESIRED CHANNEL
N INTO THE SEQUENCER
ENABLE FOR AUTO/
KEY SEQUENCING
IS N = DEPTH – 1?
DATA[D7:D5]
COMMAND[D10:D8]
DIAGNOSTIC SELECT[D4:D0]
011
001
DON’T CARE
ENABLE AUTOMATIC SEQUENCING
N = 0
N = 1
N = 2
N
Y
DATA[D7:D5]
COMMAND[D10:D8]
DIAGNOSTIC SELECT[D4:D0]
001
010
VLDO MUX
INPUT ADDRESS
SELECT CHANNEL 2 WITH VLDO
DATA[D7:D5]
COMMAND[D10:D8]
DIAGNOSTIC SELECT[D4:D0]
001
001
DIE TEMP MUX
INPUT ADDRESS
SELECT CHANNEL 1 WITH MAIN DIE TEMPERATURE
DATA[D7:D5]
COMMAND[D10:D8]
DIAGNOSTIC SELECT[D4:D0]
001
000
ADC1 PIN MUX
INPUT ADDRESS
SELECT CHANNEL 0 WITH ADC1 PIN
DATA[D7:D5]
COMMAND[D10:D8]
DIAGNOSTIC SELECT[D4:D0]
000
010
DON’T CARE
SELECT A DEPTH OF 3 CHANNELS
Figure 87. Example Automatic Sequence Mode Setup for Three ADC Input Nodes
ADC Conversion Timing
Figure 88 shows an example where autostatus readback mode is
enabled. The status register always contains the last completed
ADC conversion result, together with the associated mux
address, ADC_IP_SELECT.
This example is applicable irrespective of the ADC conversion
mode in use (key sequencing, automatic sequencing, single
immediate conversion, or single key conversion). During the
first ADC conversion command shown, the contents of the
status register are available on the SDO line. The ADC portion
of this data contains the conversion result of the previously
converted ADC node (ADC Conversion Result 0), as well as the
associated channel address. Assuming another SPI frame is not
received while the ADC is busy converting due to Command 1,
then the next data to appear on the SDO line contains the
associated conversion result, ADC Conversion Result 1. If,
however, an SPI frame is received while the ADC is busy, the
status register contents available on SDO still contains the
previous conversion result and indicates the ADC_BUSY flag is
high. Any new ADC conversion instructions received while the
ADC_BUSY bit is active are ignored. If using a sequencer mode,
the sequencer address is updated after the conversion is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com