Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS5758 Datasheet(PDF) 13 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 9Page - Analog Devices ADFS5758 Datasheet HTML 10Page - Analog Devices ADFS5758 Datasheet HTML 11Page - Analog Devices ADFS5758 Datasheet HTML 12Page - Analog Devices ADFS5758 Datasheet HTML 13Page - Analog Devices ADFS5758 Datasheet HTML 14Page - Analog Devices ADFS5758 Datasheet HTML 15Page - Analog Devices ADFS5758 Datasheet HTML 16Page - Analog Devices ADFS5758 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 13 of 75
SDO
DISABLED
SDI
SCLK
SYNC
SDO
1
2
241
D19
D17
D16
D1
D0
ADC
BUSY
ADC
DATA[1]
ADC
DATA[11]
D11
ADC
CHN[0]
ADC
CHN[4]
WDT
STATUS
D18
ANA
DIAG
D20
D21
FAULT
PIN
D22
D23
t
7
t
8
SDO
DISABLED
t16
DIG
DIAG
1
0
ADC
DATA[0]
1IF ANY EXTRA SCLK FALLING EDGES ARE RECEIVED AFTER THE 24TH (OR 32ND, IF CRC IS ENABLED) SCLK, BEFORE SYNC RETURNS HIGH, SDO CLOCKS OUT 0.
Figure 4. Autostatus Readback
200µA
IOL
200µA
IOH
VOH (MIN) OR
VOL (MAX)
TO OUTPUT
PIN
CL
30pF
Figure 5. Load Circuit for SDO Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com