Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS5758 Datasheet(PDF) 61 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 57Page - Analog Devices ADFS5758 Datasheet HTML 58Page - Analog Devices ADFS5758 Datasheet HTML 59Page - Analog Devices ADFS5758 Datasheet HTML 60Page - Analog Devices ADFS5758 Datasheet HTML 61Page - Analog Devices ADFS5758 Datasheet HTML 62Page - Analog Devices ADFS5758 Datasheet HTML 63Page - Analog Devices ADFS5758 Datasheet HTML 64Page - Analog Devices ADFS5758 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 61 of 75
Bits
Bit Name
Description
Reset
Access
[9:7]
CLKOUT_FREQ
Configure the frequency of CLKOUT.
0x4
R/W
000: 416 kHz.
001: 435 kHz.
010: 454 kHz.
011: 476 kHz.
100: 500 kHz (default).
101: 526 kHz.
110: 555 kHz.
111: 588 kHz.
6
HART_EN
Enable the path to the CHART pin.
0x0
R/W
0: output of the DAC drives the output stage directly (default).
1: CHART path is coupled to the DAC output to allow a HART modem connection or
connection of a slew capacitor.
5
NEG_OFFSET_EN
Enable negative offset in unipolar VOUT mode. When set, this bit offsets the
currently enabled unipolar output range by the value listed here. This bit is only
applicable to the 0 V to 6 V range and the 0 V to 12 V range. The 0 V to 6 V range
becomes −300 mV to +5.7 V; the 0 V to 12 V range becomes −400 mV to 11.6 V.
0x0
R/W
0: disable (default).
1: enable.
4
CLEAR_NOW_EN
Enables clear to occur immediately, even if the output slew feature is currently enabled.
0x0
R/W
0: disable (default).
1: enable.
3
SPI_DIAG_QUIET_EN
Enable SPI diagnostic quiet mode. When this bit is enabled, SPI_CRC_ERR, SLIPBIT_ERR,
and SCLK_COUNT_ERR are not included in the logical OR calculation, which creates the
DIG_DIAG_STATUS bit in the status register. They are also masked from affecting
the FAULT pin if this bit is set.
0x0
R/W
0: disable (default).
1: enable.
2
OSC_STOP_DETECT_EN
Enable automatic 0x07DEAD code on SDO if the internal oscillator (MCLK) stops.
0x1
R/W
0: disable.
1: enable (default).
1
Reserved
Reserved. Do not alter the default value of this bit.
0x0
R/W
0
Reserved
Reserved. Do not alter the default value of this bit.
0x0
R/W
General-Purpose Configuration 2 Register
Address: 0x0A, Reset: 0x0A0200, Name: GP_CONFIG2
This register is used to configure and enable functions such as fault injection, internal current output monitor, and global software
LDAC.
Table 38. Bit Descriptions for GP_CONFIG2
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
15
RESERVED
Reserved.
0x0
R0
[14:13]
COMPARATOR_CONFIG
Configures the voltage comparators including ability to drive both the
temperature and voltage comparator inputs directly for test purposes. Note that
the temperature comparators are permanently enabled.
0x0
R/W
00: disable voltage comparators (default).
01: with all comparators enabled, drive all comparator inputs high for diagnostic
test purposes. This causes all voltage comparator result flags to assert in the
ANALOG_DIAG_RESULTS register.
10: with all comparators enabled, drive all comparator inputs low for diagnostic
test purposes. This causes all voltage and temperature comparator result flags to
assert in the ANALOG_DIAG_RESULTS register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com