Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADFS5758 Datasheet(PDF) 72 Page - Analog Devices

Part # ADFS5758
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS5758 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADFS5758 Datasheet HTML 67Page - Analog Devices ADFS5758 Datasheet HTML 68Page - Analog Devices ADFS5758 Datasheet HTML 69Page - Analog Devices ADFS5758 Datasheet HTML 70Page - Analog Devices ADFS5758 Datasheet HTML 71Page - Analog Devices ADFS5758 Datasheet HTML 72Page - Analog Devices ADFS5758 Datasheet HTML 73Page - Analog Devices ADFS5758 Datasheet HTML 74Page - Analog Devices ADFS5758 Datasheet HTML 75Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 72 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 72 of 75
Device ID Registers
The ADFS5758 device ID consists of a 46-bit value. The data stored in DEVICE_ID_0, DEVICE_ID_1, and DEVICE_ID_2 must be
combined to represent a unique, 46-bit identifier. For example, if the data read back from DEVICE_ID_0 is 0xA5D2, the data read back
from DEVICE_ID_1 is 0x38A8 and the data read back from DEVICE_ID_2 is 0x14D2. Then, the device ID is 0x14D238A8A5D2.
Device ID Byte 0 and Byte 1 Register
Address: 0x19, Reset: 0x190000, Name: DEVICE_ID_0
Table 51. Bit Descriptions for DEVICE_ID_0
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:8]
DEVICE_ID_0
Device ID Byte 0.
0x0
R
[7:0]
DEVICE_ID_1
Device ID Byte 1.
0x0
R
Device ID Byte 2 and Byte 3 Register
Address: 0x1A, Reset: 0x1A0000, Name: DEVICE_ID_1
Table 52. Bit Descriptions for DEVICE_ID_1
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:11]
LOT_ID_NUM_1
Lot ID number 1.
0x0
R
[10:5]
LOT_ID_2
The second identifier in the lot ID.
0x0
R
[4:0]
LOT_ID_1
The first identifier in the lot ID.
0x0
R
Device ID Byte 4 and Byte 5 Register
Address: 0x1B, Reset: 0x1B0000, Name: DEVICE_ID_2
Table 53. Bit Descriptions for DEVICE_ID_2
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:14]
RESERVED
Reserved.
0x0
R
[13:9]
LOT_ID_NUM_3
Lot ID Number 3.
0x0
R
[8:0]
LOT_ID_NUM_2
Lot ID Number 2.
0x0
R
Device ID Byte 6 Register
Address: 0x1C, Reset: 0x1C0000, Name: DEVICE_ID_3
Table 54. Bit Descriptions for DEVICE_ID_3
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:8]
Reserved
Reserved.
0x0
R
[7:3]
Reserved
Reserved.
0x0
R
[2:0]
GENERIC ID
Generic ID.
0x0
R
000: reserved
001: reserved
010: reserved
011: reserved
100: reserved
101: ADFS5758
110: reserved
111: reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com