Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5569BCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5569BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADL5569
Rev. C | Page 3 of 23
SPECIFICATIONS
Supply voltage (VS) = 5 V, maximum gain, output common-mode voltage (VCOM) = VS/2, source impedance (RS) = 100 Ω differential, load
impedance (RL) = 100 Ω differential, output voltage (VOUT) = 2 V p-p composite, frequency = 500 MHz, TA = 25°C, parameters specified for
differential input and differential output, and signal spacing = 2 MHz for two tone measurements, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth1
VOUT ≤ 0.5 V p-p
6.5
GHz
Bandwidth, 1.0 dB Flatness
VOUT ≤ 1.0 V p-p
4.8
GHz
Voltage Gain (AV)
Differential Input
RL = open
20
dB
RL = 100 Ω differential
6
19
dB
Single-Ended Input
RL = 100 Ω differential
6
17
dB
Gain Accuracy
±0.15
dB
Gain Supply Sensitivity
VS ± 5%
8.6
mdB/V
Gain Temperature Sensitivity
TA = −40°C to +85°C
4
mdB/°C
Slew Rate
Rising, VOUT = 2 V p-p step
24
V/ns
Falling, VOUT = 2 V p-p step
24
V/ns
Settling Time
2 V step to 1%
500
ps
Overdrive Recovery Time
Differential input voltage step from 2 V to
0 V for VOUT ≤ ±20 mV
6
ns
Reverse Isolation (SDD12)
PDB and PDB2 are high
−34
dB
When Amplifier Disabled
PDB and PDB2 are low
−17.5
dB
INPUT AND OUTPUT CHARACTERISTICS
Input Common-Mode Range
1.3
3.5
V
Input Resistance
Differential
100
Ω
Single-Ended
91.7
Ω
Common-Mode Rejection Ratio (CMRR)
47
dB
Output Common-Mode Range
VCOM and VCOM2
2.0
3.0
V
VCOM and VCOM2 Input Impedance
2.5
kΩ
Output, Common Mode
Referenced to VCOM (VS/2)
Offset
−30
±10
+30
mV
Drift
TA = −40°C to +85°C
0.15
mV/°C
Output, Differential Offset
Voltage
−10
±1.5
+10
mV
Drift
TA = −40°C to +85°C
±6
µV/°C
Output Resistance (Differential)
14.0
Ω
Maximum Output Voltage Swing
1 dB compression point
6.5
V p-p
POWER INTERFACE
Supply Voltage
4.75
5
5.25
V
Digital Input Voltage
PDB, PDB2
Logic High (VIH)
2.1
3.45
V
Logic Low (VIL)
0
1.0
V
PDB Input Current
PDB = 3 V
−7
µA
PDB = 0 V
−70
µA
Supply Current (ISUPPLY)
Each amplifier
Quiescent, Each Amplifier
PDB is high
86
mA
Disabled (Powered Down), Each Amplifier
PDB is low
8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com