Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5569BCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5569BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
6.5 GHz, Ultrahigh Dynamic Range,
Differential Amplifier
Data Sheet
ADL5569
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
−3 dB bandwidth: 6.5 GHz typical
Preset 20 dB voltage gain, can be reduced by adding
external resistors
Differential or single-ended input to differential output
Internally dc-coupled inputs and outputs
Low noise input stage: 9.3 dB noise figure at 2 GHz
Low distortion at 5V supply and 2V p-p output with 100 Ω load
500 MHz: −78 dBc (HD2), −71 dBc (HD3), −80 dBc (IMD3)
2 GHz: −64 dBc (HD2), −52 dBc (HD3), −65 dBc (IMD3)
Input voltage noise (NSD, RTI): 1.0 nV/√Hz at 100 MHz
Single-supply operation: ac-coupled applications
Dual-supply operation: dc-coupled applications
Slew rate: 24 V/ns at 2 V p-p output
DC power consumption: 86 mA per amplifier at 5 V
APPLICATIONS
Differential ADC drivers for GSPS ADCs
High speed data acquisition
Single-ended to differential conversion
DAC buffering
DC coupling and level shifting
RF/IF gain blocks
Balun alternative from dc to 4 GHz
SAW filter interfacing
FUNCTIONAL BLOCK DIAGRAM
50Ω
RG
500Ω
RF
50Ω
RG
500Ω
RF
GM
B
50Ω
RG
500Ω
RF
VIN
VIP
VON
VOP
VIN2
NOTES
1. RG IS THE SERIES RESISTANCE OF THE AMPLIFIER,
AND RF IS THE FEEDBACK RESISTANCE
OF THE AMPLIFIER.
VIP2
VON2
VOP2
PDB
VCOM
VCC
GND
GND
PDB2
VCOM2
VCC2
1
2
3
11
GM
B
50Ω
RG
500Ω
RF
4
5
13
12
10
9
6
7
8
16
15
14
ADL5569
Figure 1.
GENERAL DESCRIPTION
The ADL5569 is a high performance, dual, differential amplifier
with 20 dB of voltage gain, optimized for applications spanning
from dc to 6.5 GHz. The amplifier is available in a dual format,
and it offers a low referred to input (RTI) noise spectral density
(NSD) of 1.0 nV/√Hz (at 100 MHz) and excellent distortion
performance over a wide frequency range, making it an ideal
driver for high speed 12-bit to 16-bit analog-to-digital converters
(ADCs). The ADL5569 is ideally suited for use in high perfor-
mance zero intermediate frequency (IF) and complex IF receiver
designs. In addition, this device has excellent low distortion for
single-ended input driver applications.
Using two external series resistors for each amplifier expands
the gain flexibility of the amplifier and allows any gain selection
from 6 dB to 20 dB for a differential input. For a single-ended
input, the gain can be adjusted from 6 dB to 17 dB with the
addition of some external resistors. This device maintains low
distortion through its output common-mode range of 2.0 V to
3.0 V, providing a flexible capability for driving ADCs with
ac levels up to 2 V p-p.
Operating from a single 5 V supply, the quiescent current of the
ADL5569 is typically 86 mA per amplifier. When disabled, the
amplifiers consume only 8 mA per amplifier.
The device is optimized for wideband, low distortion, and low
noise operation, giving it unprecedented second harmonic
distortion (HD2) and third harmonic distortion (HD3) from
dc to 4 GHz. These attributes, together with its adjustable gain
capability, make this device the amplifier of choice for driving a
wide variety of ADCs, mixers, pin diode attenuators, surface
acoustic wave (SAW) filters, and a multitude of discrete radio
frequency (RF) devices.
Fabricated on an Analog Devices, Inc., high speed silicon germa-
nium (SiGe) process, the ADL5569 is supplied in a compact
2.5 mm × 3 mm, 16-lead LFCSP package and operates over the
−40°C to +85°C temperature range.


Similar Part No. - ADL5569BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5569 AD-ADL5569 Datasheet
618Kb / 16P
6.0 GHz, Ultrahigh Dynamic Range, Differential Amplifier
More results

Similar Description - ADL5569BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM6004-AH MIMIX-CMM6004-AH Datasheet
247Kb / 6P
0.25-6.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
0.25-3.0 GHz High Dynamic Range Amplifier
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
0.25-6.0 GHz High Dynamic Range Amplifier
logo
Analog Devices
ADL5565 AD-ADL5565 Datasheet
1Mb / 28P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. 0
ADL5565 AD-ADL5565_12 Datasheet
842Kb / 28P
6 GHz Ultrahigh Dynamic Range
REV. B
ADL5565 AD-ADL5565_13 Datasheet
961Kb / 29P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
REV. D
ADL5567 AD-ADL5567 Datasheet
888Kb / 24P
4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
REV. 0
ADL5565 AD-ADL5565_17 Datasheet
893Kb / 29P
6 GHz Ultrahigh Dynamic Range Differential Amplifier
Rev. E
ADL5569 AD-ADL5569 Datasheet
618Kb / 16P
6.0 GHz, Ultrahigh Dynamic Range, Differential Amplifier
ADL5566 AD-ADL5566 Datasheet
885Kb / 24P
4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
8/2019-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com