Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5569BCPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5569BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
ADL5569
Rev. C | Page 11 of 23
–10
–100
–90
–80
–70
–60
–50
–40
–30
–20
2.0
3.0
VCOM (V)
2.2
2.4
2.6
2.8
225MHz
3000MHz
5900MHz
HD3
HD2
Figure 21. HD2 and HD3 vs. Output Common-Mode Voltage (VCOM)
0
–10
–90
–80
–70
–60
–50
–40
–30
–20
2.0
3.0
VCOM (V)
2.2
2.4
2.6
2.8
1GHz
3GHz
6GHz
Figure 22. IMD3 vs. VCOM
0
–10
–90
–80
–70
–60
–50
–40
–30
–20
0
6
FREQUENCY (GHz)
1
2
3
4
5
1V p-p PER TONE
0.5V p-p PER TONE
1.5V p-p PER TONE
Figure 23. IMD3 vs. Frequency at Various POUT per Tones
FREQUENCY (GHz)
–100
–80
–60
–40
–20
0
0
1
2
3
4
HD3
HD2
5.25V
5V
4.75V
Figure 24. HD2 and HD3 vs. Frequency for Various Supplies
C4 500mV/div
M1 250mV 4.0ns
50Ω BW 8.0G
A C4
840mV
M1
4
T
Figure 25. Disable Time Response
–30
–40
–50
–60
–70
–80
–90
0
5.0
FREQUENCY (GHz)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Figure 26. HD2 vs. Frequency for a Single-Ended Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com