Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5569BCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5569BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
ADL5569
Rev. C | Page 5 of 23
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
4000 MHz
HD2
−58
dBc
HD3
−48
dBc
OIP3
25
dBm
IMD3
−48
dBc
OIP2
59
dBm
IMD2
−58
dBc
OP1dB
14.3
dBm
NF2
12.1
dB
NSD, RTI2
2.5
nV/√Hz
1
S parameters are taken with the device under test (DUT) itself. The printed circuit board (PCB) is not used in the measurement.
2
NSD RTI is calculated from the noise figure, as follows:
NSD (RTI) = ½ ×
IN
NF
R
kT
×
−
×
1)
10
4
/10
(
where:
k is Boltzmann's constant, which equals 1.381 × 10−23J/K.
T is the standard absolute temperature for evaluating noise figure, which equals 290 K.
RIN is the differential input impedance of each amplifier, which equals 100 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com