Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5569BCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5569BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADL5569
Data Sheet
Rev. C | Page 12 of 23
–30
–40
–50
–60
–70
–80
–90
0
5.0
FREQUENCY (GHz)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Figure 27. HD3 vs. Frequency for a Single-Ended Input Circuit
50
40
30
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
0
1
2
3
4
5
6
FREQUENCY (GHz)
IMD3
OIP3
Figure 28. IMD3 and OIP3 vs. Frequency for a Single-Ended Input Circuit
C4 500mV/DIV
M1 250mV 4.0ns
50Ω BW 8.0G
A C4
840mV
M1
4
T
Figure 29. Enable Time Response
M1 600mV 4.0ns
A C1
–44.0mV
M1
T
Figure 30. Large Signal Pulse Response, Output Voltage (VOUT) = 4 V p-p
FREQUENCY (Hz)
10M
100M
1G
6G
0
10
20
30
40
50
60
70
Figure 31. Common-Mode Rejection Ratio (CMRR) vs. Frequency
1000
0
0
6.0
FREQUENCY (GHz)
100
200
300
400
500
600
700
800
900
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
500MHz, 439ps
1.0GHz, 442ps
1.5GHz, 448ps
3.0GHz, 456ps
Figure 32. Group Delay vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com