Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5569BCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5569BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADL5569
Data Sheet
Rev. C | Page 18 of 23
EFFECT OF LOAD CAPACITANCE
Load capacitance, including stray capacitance from PCB traces,
affects the bandwidth and flatness of the ADL5569 frequency
response, resulting in excessive peaking. It is recommended to
add 5 Ω external series resistors to each output to isolate the
load capacitance from the outputs and to effectively reduce
peaking. Respective frequency responses resulting from the
addition of a 0.5 pF to a 2.0 pF differential load capacitance
are shown in Figure 46.
25
20
15
10
5
0
–10
–5
10M
10G
FREQUENCY (Hz)
100M
1G
1.0pF
0.5pF
0pF
2.0pF
Figure 46. Frequency Response for Various Load Capacitances, RL = 100 Ω
GSPS ADC INTERFACING
A wideband data acquisition system using the ADL5569 together
with the AD9689, a dual 14-bit ADC, was developed and tested as
shown in Figure 49 for ac-coupled applications. The amplifier
output common-mode voltage is set to AVDD/2 with the voltage
divider formed by the two 10 kΩ resistors on the VCOM pin.
However, the VCOM pin can be left open (with a decoupling
capacitor as described in Table 4), because there is an internal
divider to pull the node to VCC/2 in such cases. The resistor
capacitor (RC) filter after the amplifier works with the pole formed
by the ADC input capacitance to attenuate the broadband noise
and out of band harmonics generated by the amplifier. The RC
filter also blocks sharp switching pulses, that is, charge injection
from the ADC internal sampling circuitry, from reaching the
amplifier outputs and creating nonlinear effects. An additional
band-pass filter, specific to the system rejection requirements,
is also needed in front of the ADL5569 amplifier to prevent
unwanted signals from compressing the amplifier as well as from
reaching the ADC. This filter is usually added during bench testing.
See the AN-835 Application Note, Understanding High Speed ADC
Testing and Evaluation, for additional testing information and
setups.
The signal-to-noise ratio (SNR) and SFDR with respect to full
scale (FS) of the ADC system, is shown in Figure 47 and Figure 48.
40
45
50
55
60
65
70
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
AC-COUPLED
DC-COUPLED
NOTE: ALL TESTING WAS DONE AT –3dBFS.
Figure 47. ADC System SNR Referred to Full Scale (SNRFS) vs. Frequency
30
40
50
60
70
80
90
0
500
1000
1500
2000
2500
3000
FREQUENCY (MHz)
AC-COUPLED
DC-COUPLED
NOTE: ALL TESTING WAS DONE AT –3dBFS.
Figure 48. ADC System SFDR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com