Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5569BCPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5569BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
ADL5569
Rev. C | Page 7 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
3
4
9
2
VIN
VIP
GND
VIP2
5
VIN2
VON2
10 VOP2
11 GND
12 VOP
13 VON
ADL5569
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. THE EXPOSED PAD IS INTERNALLY
CONNECTED TO GND AND MUST BE SOLDERED TO
A LOW IMPEDANCE GROUND PLANE.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VIN
Negative Side of Balanced Differential Inputs for Amplifier 1. This pin is biased to the VCC voltage (VVCC)/2, and is
typically ac-coupled.
2
VIP
Positive Side of Balanced Differential Inputs for Amplifier 1. This pin is biased to VVCC/2, and is typically ac-coupled.
3, 11
GND
Ground. Ground reference for the entire chip. These pins must be soldered to a low impedance ground plane.
4
VIP2
Positive Side of Balanced Differential Inputs for Amplifier 2. This pin is biased to the VCC2 voltage (VVCC2)/2 and is
typically ac-coupled.
5
VIN2
Negative Side of Balanced Differential Inputs for Amplifier 2. This pin is biased to VVCC2/2 and is typically ac-coupled.
6
PDB2
Power-Down Control (Active Low) for Amplifier 2. This pin is internally pulled up to approximately 2.8 V. A logic
high on this pin (2.1 V < PDB2 voltage (VPDB2) < 3.3 V) enables the device.
7
VCOM2
Common-Mode Voltage Input for Amplifier 2. A voltage applied to this pin sets the common-mode voltage of the
inputs and outputs of the amplifier. If left open, the VCOM2 voltage (VVCOM2) = VCC2/2. Decouple this pin to ground
with a 0.1 µF capacitor.
8
VCC2
Positive Supply for Amplifier 2.
9
VON2
Negative Side of Balanced Differential Outputs for Amplifier 2. This pin is biased to VVCOM2 and is typically ac-coupled.
10
VOP2
Positive Side of Balanced Differential Outputs for Amplifier 2. This pin is biased to VVCOM2 and is typically ac-coupled.
12
VOP
Positive Side of Balanced Differential Outputs for Amplifier 1. This pin is biased to VVCOM and is typically ac-coupled.
13
VON
Negative Side of Balanced Differential Outputs for Amplifier 1. This pin is biased to VVCOM and is typically ac-coupled.
14
VCC
Positive Supply for the Amplifier 1.
15
VCOM
Common-Mode Voltage Input for Amplifier 1. A voltage applied to this pin sets the common-mode voltage of the
inputs and outputs of the amplifier. If left open, VVCOM = VVCC/2. Decouple this pin to ground with a 0.1 µF capacitor.
16
PDB
Power-Down Control (Active Low) for Amplifier 1. This pin is internally pulled up to approximately 2.8 V. A logic
high on this pin (2.1 V < PDB voltage (VPDB) < 3.3 V) enables the device.
EPAD
Exposed Pad. The exposed pad is internally connected to GND and must be soldered to a low impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com