Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5569BCPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5569BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
ADL5569
Rev. C | Page 19 of 23
ADL5569
AVDD 5.0V
AVDDx
DRVDDx
30Ω
50Ω
50Ω
10kΩ
VCOM
VIP
VCC
PDB
EPAD
VIN
AVDD
5.0V
10kΩ
200Ω
0.35pF
ADC
INTERNAL
INPUT Z
AD9689
VCM
30Ω
5Ω
5Ω
10Ω
10Ω
0.1µF
ANALOG
INPUT
TCM2-43X+
INPUT
Z = 50Ω
0.1µF
0.1µF
0.1µF
50Ω
50Ω
5Ω 2.7nH
2.7nH
5Ω
AVDD 3.3V
5.1nH
0.1µF
0.1µF
0.1µF
0.5pF
1pF
Figure 49. Wideband 3.2 GHz Bandwidth AC-Coupled ADC Interfacing Example: ADL5569 Driving the AD9689
Two tone intermodulation distortion performance (IMD2 and
IMD3) is shown in Figure 50. The relative pass-band frequency
response for this signal chain with a wideband antialiasing filter
is shown in Figure 51.
–80
–75
–70
–65
–60
–55
–50
–45
–40
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
IMD2
IMD3
AC-COUPLED
DC-COUPLED
NOTE: ALL TESTING WAS DONE AT –9dBFS FOR BOTH TONES.
Figure 50. Measured Two Tone IMD2/IMD3 Performance
–20
–19
–18
–17
–16
–15
–14
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
10M
100M
1G
10G
FREQUENCY (MHz)
AC-COUPLED
DC-COUPLED
NOTE: ALL TESTING WAS DONE AT –3dBFS.
Figure 51. Measured Relative Frequency Response
For dc applications, special requirements must be completed for
the ADL5569 to accommodate a dc signal and level shift the
amplifier to meet the common-mode voltage requirements of
the companion converter. Figure 52 shows a 1.5 GHz design
example of the ADL5569 using dual supplies of +3.3 V for the
VCC and VCC2 pins and −2.0 V for the ground and exposed
pad (EP) pins. By using these dual supplies, the internal logic of
the power-down pins of the device (PDB and PDB2) is also
level shifted to 1.0 V to enable the device.
The example shown in Figure 52 provides a single-ended input
design, with an input common-mode voltage of 0.0 V. The
output common-mode voltage is designed to accommodate
1.4 V to interface with the AD9689 analog inputs. The
VCOM pin cannot be regarded as high-Z for the purposes of a
voltage divider calculation for the 2 kΩ and 15.4 kΩ resistors.
The 1.5 GHz bandwidth limitation of this design is not due to
any of the passive components, but it is an inherent practical
limitation of the ADL5569 and AD9689/AD9208 combination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com