Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5569BCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5569BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADL5569
Data Sheet
Rev. C | Page 14 of 23
THEORY OF OPERATION
The ADL5569 is a high gain, fully differential, dual amplifier
and ADC driver that operates on a single power supply
voltage (VS) of 5 V. Internal resistors preset the gain to 20 dB,
and external resistors can be added to reduce this gain. The
−3 dB bandwidth is 6.5 GHz, and the device has a differential
input impedance of 100 Ω. The ADL5569 has a differential
output impedance of 14 Ω and an operating output common-
mode voltage range of 2.0 V to 3.0 V with a 5 V supply.
The ADL5569 is composed of a pair of fully differential amplifiers
with on-chip feedback and feedforward resistors. The gain is
fixed at 20 dB but can be reduced by adding two resistors in
series with the two inputs. The amplifier provides a high differ-
ential, open-loop gain and has an output common-mode circuit
that enables the user to change the output common-mode voltage
by applying a voltage to the VCOM or VCOM2 pin.
Each amplifier provides superior low distortion for frequencies
near dc to beyond 2000 MHz, with low noise and low power
consumption. This amplifier achieves an IMD3 of −82 dBc at
100 MHz, and −80 dBc IMD3 at 500 MHz for 2 V p-p operation.
In addition, the ADL5569 can deliver 5 V p-p operation under
heavy loads. The internal gain is set at 20 dB, and the device has
a noise figure of 9.3 dB at 2 GHz. When comparing noise figure
and distortion performance, this amplifier delivers the best in
category spurious-free dynamic range (SFDR).
The ADL5569 features flexible input and output coupling.
The device can be ac-coupled or dc-coupled. For dc coupling,
the output common-mode voltage can be adjusted (using the
VCOM and VCOM2 pins) from 2.5 V to 0.5 V for VS at 3.3 V
and ground at −2.0 V.
The distortion performance as a function of output common-
mode voltage is shown in Figure 21. Note that the VCOM and
VCOM2 pins set the common-mode voltage at the outputs of
the amplifier, the VOP, VOP2, VON, and VON2 pins, when
configured for ac-coupled applications.
For ac-coupled applications with series capacitors at the inputs,
as shown in Figure 38, the input common-mode level is set to
the same as the voltage at VCOM or VCOM2.
Due to the wide input common-mode voltage range, this device
can easily be dc-coupled to many types of mixers, demodulators,
and amplifiers. If the outputs are ac-coupled, no external VCOM
or VCOM2 voltage adjustment is required because the amplifier
output common-mode level is set to VS/2.
AC
½
ADL5569
½
RS
½
RS
0.1µF
0.1µF
50Ω
50Ω
500Ω
500Ω
+
–
RL
0.1µF
0.1µF
RG
RG
RF
RF
Figure 38. Basic Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com