Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5569BCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5569BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADL5569
Data Sheet
Rev. C | Page 10 of 23
–10
–100
–90
–80
–70
–60
–50
–40
–30
–20
0
6
FREQUENCY (GHz)
1
2
3
4
5
Figure 15. Second Harmonic Distortion (HD2) vs. Frequency
–10
–100
–90
–80
–70
–60
–50
–40
–30
–20
0
6
FREQUENCY (GHz)
1
2
3
4
5
Figure 16. Third Harmonic Distortion (HD3) vs. Frequency
–10
–100
–90
–80
–70
–60
–50
–40
–30
–20
0
6
FREQUENCY (GHz)
1
2
3
4
5
–40°C
+25°C
+85°C
Figure 17. HD2 vs. Frequency over Temperature
–10
–100
–90
–80
–70
–60
–50
–40
–30
–20
0
6
FREQUENCY (GHz)
1
2
3
4
5
–40°C
+25°C
+85°C
Figure 18. HD3 vs. Frequency over Temperature
–110
–100
–90
–80
–70
–60
–50
–40
0
1
2
3
4
5
FREQUENCY (GHz)
HD2 AT 2V p-p
HD2 AT 1.5V p-p
HD2 AT 1V p-p
Figure 19. HD2 vs. Frequency for Various Output Voltages Swings
–110
–100
–90
–80
–70
–60
–50
–40
0
1
2
3
4
5
FREQUENCY (GHz)
HD3 AT 2V p-p
HD3 AT 1.5V p-p
HD3 AT 1V p-p
Figure 20. HD3 vs. Frequency for Various Voltages Swings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com