Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5569BCPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5569BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADL5569
Data Sheet
Rev. C | Page 8 of 23
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, maximum gain, VCOM = VS/2, RS = 100 Ω differential, RL = 100 Ω differential, VOUT = 2 V p-p, frequency = 500 MHz, TA = 25°C,
parameters specified for differential input and differential output, and signal spacing = 2 MHz for two-tone measurements, unless
otherwise noted.
10M
100M
1G
10G
FREQUENCY (Hz)
21
20
19
18
17
16
15
14
13
12
11
Figure 3. Gain vs. Frequency (S Parameters Taken with DUT, PCB Not Used in
Measurement)
10M
10G
FREQUENCY (Hz)
20
18
16
14
12
10
8
6
4
2
0
100M
1G
–40°C
+25°C
+80°C
GAIN = 19dB
GAIN = 14dB
GAIN = 10dB
GAIN = 6dB
Figure 4. Gain vs. Frequency over Temperature
10M
100M
1G
10G
FREQUENCY (Hz)
0.25
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.25
–0.20
Figure 5. Gain Mismatch (Channel A to Channel B) vs. Frequency
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
10M
100M
1G
6G
FREQUENCY (Hz)
Figure 6. Phase Mismatch (Channel A to Channel B) vs. Frequency
6
8
10
12
14
16
18
20
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 7. Output P1dB vs. Frequency over Temperature
16
0
4
2
6
10
14
8
12
0
6
FREQUENCY (GHz)
1
2
3
4
5
Figure 8. Noise Figure vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com