Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5569BCPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5569BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Data Sheet
ADL5569
Rev. C | Page 15 of 23
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 39 shows the basic connections for operating the ADL5569.
Apply 5 V to the VCC and VCC2 pins and decouple with 0.1 µF
and 10 µF surface-mount ceramic capacitors in parallel to ground.
Decouple the VCOM and VCOM2 pins (Pin 7 and Pin 15) using a
0.1 µF capacitor. The PDB and PDB2 pins (Pin 6 and Pin 16) are
tied to logic high, respectively, to enable each amplifier. A
differential signal is applied to Amplifier 1 through Pin 1 (VIN)
and Pin 2 (VIP) and to Amplifier 2 through Pin 4 (VIP2) and
Pin 5 (VIN2). Each amplifier has a gain of 20 dB.
The Amplifier 1 input pins, Pin 1 (VIN) and Pin 2 (VIP), and
the output pins, Pin 13 (VON) and Pin 12 (VOP), are biased by
applying a voltage to Pin 15 (VCOM). If VCOM is left open,
VCOM equals ½ of VS. The Amplifier 2 input pins, Pin 4 (VIP2)
and Pin 5 (VIN2), and the output pins, Pin 9 (VON2) and
Pin 10 (VOP2), are biased by applying a voltage to Pin 7 (VCOM2).
If VCOM2 is left open, VCOM2 equals ½ of VS.
The ADL5569 can be ac-coupled, as shown in Figure 39, or it
can be dc-coupled if within the specified input and output
common-mode voltage ranges. Pulling the PDB and
PDB2 pins low puts the ADL5569 in sleep mode, reducing the
current consumption to 16 mA at ambient temperature.
0.01µF
BALANCED
LOAD
VIP
VIN
0.01µF
VOP
VCOM
VON
0.01µF
VCC2
21
18
18
18
17
2
1
PDB
PDB2
3.3V
0.01µF
0.01µF
3.3V
2
15
12
8
13
1
16
6
VCC
ADL5569
14
11
3
0.01µF
10µF
VS
0.01µF
EXPOSED PAD
+
½
RS
½
RS
BALANCED
AC
0.01µF
BALANCED
LOAD
VIP2
VIN2
0.01µF
VOP2
VCOM2
VON2
0.01µF
21
18
17
0.01µF
0.01µF
4
7
10
9
5
½
RS
½
RS
BALANCED
AC
50Ω
RG
500Ω
RF
GM
B
50Ω
RG
500Ω
RF
50Ω
RG
500Ω
RF
GM
B
50Ω
RG
500Ω
RF
Figure 39. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com