Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5569BCPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5569BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADL5569
Data Sheet
Rev. C | Page 4 of 23
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
NOISE/HARMONIC PERFORMANCE
100 MHz
Second Harmonic Distortion (HD2)
−89
dBc
Third Harmonic Distortion (HD3)
−83
dBc
Output Third-Order Intercept (OIP3)
42
dBm
Third-Order Intermodulation Distortion (IMD3)
−82
dBc
Output Second-Order Intercept (OIP2)
74
dBm
Second-Order Intermodulation Distortion (IMD2)
−73
dBc
Output 1 dB Compression Point (OP1dB)
17.4
dBm
Noise Figure2
5.4
dB
Noise Spectral Density (NSD), RTI2
1.0
nV/√Hz
500 MHz
HD2
−78
dBc
HD3
−71
dBc
OIP3
41
dBm
IMD3
−80
dBc
OIP2
74
dBm
IMD2
−73
dBc
OP1dB
17.2
dBm
NF2
6.3
dB
NSD, RTI2
1.2
nV/√Hz
1000 MHz
HD2
−65
dBc
HD3
−58
dBc
OIP3
39
dBm
IMD3
−76
dBc
OIP2
71
dBm
IMD2
−70
dBc
OP1dB
17.7
dBm
NF2
7.0
dB
NSD, RTI2
1.3
nV/√Hz
2000 MHz
HD2
−64
dBc
HD3
−52
dBc
OIP3
34
dBm
IMD3
−65
dBc
OIP2
63
dBm
IMD2
−62
dBc
OP1dB
17.4
dBm
NF2
9.3
dB
NSD, RTI2
1.8
nV/√Hz
3000 MHz
HD2
−62
dBc
HD3
−46
dBc
OIP3
30
dBm
IMD3
−58
dBc
OIP2
57
dBm
IMD2
−56
dBc
OP1dB
16.2
dBm
NF2
11.1
dB
NSD, RTI2
2.2
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com