Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5569BCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5569BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Data Sheet
ADL5569
Rev. C | Page 9 of 23
3.5
3.0
2.5
0
0.5
1.0
1.5
2.0
0
6
FREQUENCY (GHz)
1
2
3
4
5
Figure 9. Noise Spectral Density, Referred to Input vs. Frequency
60
–100
–80
–60
–40
–20
0
20
40
OIP3
IMD3
0
6
FREQUENCY (GHz)
1
2
3
4
5
Figure 10. Third-Order Intermodulation Distortion (IMD3) and Output
Third-Order Intercept (OIP3) vs. Frequency
50
0
10
5
15
20
25
30
35
40
45
0
6
FREQUENCY (GHz)
1
2
3
4
5
+85°C
+25°C
–40°C
Figure 11. OIP3 vs. Frequency over Temperature
0
–90
0
6
FREQUENCY (GHz)
–80
–70
–60
–50
–40
–30
–20
–10
1
2
3
4
5
+85°C
+25°C
–40°C
Figure 12. IMD3 vs. Frequency over Temperature
–120
–100
–80
–60
–40
–20
0
0
1
2
3
4
5
6
FREQUENCY (GHz)
RL = 200Ω, 0.5V p-p
RL = 200Ω, 1V p-p
RL = 100Ω, 0.5V p-p
RL = 100Ω, 1V p-p
Figure 13. IMD3 vs. Frequency over RLOAD for POUT per Tone
100
–100
–80
–60
–40
–20
0
20
40
60
80
0
6
FREQUENCY (GHz)
1
2
3
4
5
OIP2
IMD2
Figure 14. Second-Order Intermodulation Distortion (IMD2) and Output
Second-Order Intercept (OIP2) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com