Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5569BCPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5569BCPZ-R7
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569BCPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5569BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5569BCPZ-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
ADL5569
Data Sheet
Rev. C | Page 22 of 23
Table 6. Bill of Materials
Qty.
Reference Designator
Description
Manufacturer
Part Number
1
A1
IC, dual-channel amplifier
Analog Devices
ADL5569
10
C1 to C6, C8 to C11
0.01 µF capacitors, ceramic, X7R
Murata
GRM033R71A103KA01D
6
C12, C13, C16, C17, C20,
C21
4.7 µF capacitors, ceramic, X5R
Murata
GRM155R60J475ME87D
2
C14, C15
0.001 µF capacitors, ceramic, X7R
Murata
GRM033R71E102KA01D
2
C18, C19
1 µF capacitors, ceramic, X5R
Taiyo Yuden
AMK063ABJ105MP-F
6
C22, C23, C26 to C29
0.1 µF capacitors, ceramic, X5R
Murata
GRM033R60J104KE19D
2
C24, C25
10 µF capacitors, ceramic X5R
Taiyo Yuden
AMK105CBJ106MV-F
1
C7
10 µF capacitor ceramic, X5R
Murata
GRM21BR61C106KE15L
1
E1
120 Ω at 100 MHz, ferrite bead, 0.07 Ω, 1.5 A
Murata
BLM18SG121TN1D
2
E2, E3
33 nH, chip inductors, 0.06 Ω, 1.3 A
Coilcraft, Inc.
0402AF-330XJL
8
J1 to J8
PCB SMA connectors, 50 Ω, end launch jack
Cinch Connectivity Solutions
142-0701-851
2
P1, P2
Connector headers, straight, three position
Samtec
TSW-103-08-G-S
1
P3
Connector PCB header, two position
Samtec
TSW-102-08-G-S
8
R1 to R4, R23 to R26
35.7 kΩ resistors, precision thick film chip
Panasonic
ERJ-1GEF3572C
4
R13, R14, R29, R30
0 Ω resistors, 0201
Panasonic
ERJ-1GE0R00C
1
R17
16.9 kΩ resistor, 0201
Panasonic
ERJ-1GEF1692C
1
R19
10.7 kΩ resistor, 0402
Vishay Precision Group
CRCW040210K7FKED
2
R21, R22
4.99 kΩ resistors, 0201
Samsung
RC0603F4991CS
4
R5, R8, R18, R20
10 kΩ resistors, 0201
Panasonic
ERJ-1GNF1002C
4
R6, R7, R9, R10
5.1 Ω resistors, 0201
Yageo
RC0201JR-075R1L
3
TP1, TP2, TP3
Connector PCB pin test points
Mill-Max
3137-1-00-15-00-00-08-0
2
U1, U2
IC ultralow noise, high PSRR, low dropout
(LDO) regulators
Analog Devices
ADM7170ACPZ-5.0
Figure 56. Layout of the ADL5569-EVALZ Evaluation Board, Top Layer
Figure 57. Layout of the ADL5569-EVALZ Evaluation Board, Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com