Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4420A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 7Page - STMicroelectronics STLC4420A Datasheet HTML 8Page - STMicroelectronics STLC4420A Datasheet HTML 9Page - STMicroelectronics STLC4420A Datasheet HTML 10Page - STMicroelectronics STLC4420A Datasheet HTML 11Page - STMicroelectronics STLC4420A Datasheet HTML 12Page - STMicroelectronics STLC4420A Datasheet HTML 13Page - STMicroelectronics STLC4420A Datasheet HTML 14Page - STMicroelectronics STLC4420A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
STLC4420A
Pin descriptions
11/40
EMU_GND
G15
Ground
Ground of the EMU.
EMU_DGND
F16
Digital Ground
Ground of the EMU level shifter.
GNDA_PLL
J16
Miscellaneous Pins
GPIO8
G22
1.8V (VDDD)
GPIO
No Pull
Firmware controlled 1.8V digital GPIO
Assigned to ARM MAC GP2-11. Float for
proper operation.
GPIO7
L22
1.8V (VDDD)
GPIO
No Pull
Firmware controlled 1.8V digital GPIO.
Assigned to ARM MAC GP2-1. Can
optionally be used as a serial data line (SDA)
for external 1.8V serial FLASH device.
GPIO6
M23
1.8V (VIO) GPIO
40uA
Pull-Down
Firmware controlled 1.8V digital GPIO.
Assigned to ARM MAC GP2-0. Can
optionally be used as a serial clock line (SCL)
for external 1.8V serial FLASH device.
GPIO5
D15
1.8V (VIO) GPIO
Pull-Up
Firmware controlled 1.8V digital GPIO.
Assigned to ARM MAC GP1-13. (Radio_PE).
Float for proper operation.
GPIO4
B18
1.8V (VIO) GPIO
Pull-Up
Firmware controlled 1.8V digital GPIO -- float
for proper operation.
Assigned to ARM MAC GP1-15.
(FAAmode_n)
GPIO3
L24
1.8V (VDDD)
GPIO
40uA
Pull-Down
Firmware controlled 1.8V digital GPIO -- float
for proper operation.
Assigned to ARM MAC GP2-2.
(LED2/TR_SW_Bar)
GPIO1
L23
1.8V (VDDD)
GPIO
No Pull
Firmware controlled 1.8V digital GPIO -- float
for proper operation.
Assigned to ARM MAC GP2-15
(FAA_HDRn).
GP1_3
M22
1.8V (VDDD)
GPIO
No Pull
Firmware controlled 1.8V digital GPIO
Assigned to ARM MAC GP1-3. Float for
proper operation.
GP1_7
K23
1.8V (VDDD)
GPIO
No Pull
Firmware controlled 1.8V digital GPIO
Assigned to ARM MAC GP1-7. Float for
proper operation.
GP2_13
H22
1.8V (VDDD)
GPIO
No Pull
Firmware controlled 1.8V digital GPIO
Assigned to ARM MAC GP2-13. Float for
proper operation.
GP2_12
C16
1.8V (VDDD)
GPIO
No Pull
Firmware controlled 1.8V digital GPIO
Assigned to ARM MAC GP2-12. Float for
proper operation.
Table 1.
STLC4420A signal descriptions (continued)
Pin name
Pin number
Type
Internal
resistor
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com