Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4420A Datasheet(PDF) 31 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 27Page - STMicroelectronics STLC4420A Datasheet HTML 28Page - STMicroelectronics STLC4420A Datasheet HTML 29Page - STMicroelectronics STLC4420A Datasheet HTML 30Page - STMicroelectronics STLC4420A Datasheet HTML 31Page - STMicroelectronics STLC4420A Datasheet HTML 32Page - STMicroelectronics STLC4420A Datasheet HTML 33Page - STMicroelectronics STLC4420A Datasheet HTML 34Page - STMicroelectronics STLC4420A Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
STLC4420A
Registers description
31/40
5.3
ARM interrupt enable
The ARM processor writes this register, and enables interrupts from the ARM interrupt
register. An interrupt is generated when corresponding bits in both the ARM interrupt
register and the ARM interrupt enable register are both logic 1.
The format of the register is defined in Table 9.
5.4
Host interrupt register
The bits of this register reflect the Host interrupt register with the masking by the host
interrupt enable register. This register can be written or read while the device is in sleep
mode (for example, running off the low frequency oscillator) and not generate an
ARM_asleep interrupt.
The format of the register is defined in Table 10.
27:16
Reserved
Not Implemented
15:0
HOSTMSG
General purpose Host Message Interrupts. May be written by the
Host to cause an interrupt to the ARM processor.
Table 8.
ARM interrupt acknowledge (continued)
Bit position
Name
Description
Table 9.
ARM interrupt enable
Bit position
Name
Description
31
ARM_ASLEEP
Indicates that an access to hardware registers or device memory
(by Host) was attempted while the device was in sleep-mode.
30
DMA WR done
Last Write Occurred
29
DMA RD done
Last Read Occurred
28
DMA RD ready
DMA rd FIFO ready to be read
27:16
Reserved
Not Implemented
15:0
HOSTMSG
General purpose Host Message Interrupts. Written by the ARM
to enable Interrupt on selected bit(s)
Table 10.
Host interrupt register
Bit position
Name
Description
31
ARM_ASLEEP
Indicates that an access to hardware registers or device memory
(by Host) was attempted while the device was in sleep-mode.
30
DMA wr done
Last Write Occurred
29
DMA rd done
Last Read Occurred
28
DMA rd ready
DMA rd FIFO ready to be read
27
NotSleep
Not Implemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com