Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4420A Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 8Page - STMicroelectronics STLC4420A Datasheet HTML 9Page - STMicroelectronics STLC4420A Datasheet HTML 10Page - STMicroelectronics STLC4420A Datasheet HTML 11Page - STMicroelectronics STLC4420A Datasheet HTML 12Page - STMicroelectronics STLC4420A Datasheet HTML 13Page - STMicroelectronics STLC4420A Datasheet HTML 14Page - STMicroelectronics STLC4420A Datasheet HTML 15Page - STMicroelectronics STLC4420A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Pin descriptions
STLC4420A
12/40
GP2_10
C17
1.8V (VDDD)
GPIO
No Pull
Firmware controlled 1.8V digital GPIO
Assigned to ARM MAC GP2-10. Float for
proper operation.
GP2_9
C18
1.8V (VDDD)
GPIO
No Pull
Firmware controlled 1.8V digital GPIO
Assigned to ARM MAC GP2-9. Float for
proper operation.
GP1_4
C23
1.8V (VDDD)
GPIO
No Pull
Firmware controlled 1.8V digital GPIO
Assigned to ARM MAC GP1-4. Float for
proper operation.
GP2_8
A22
1.8V (VDDD)
GPIO
No Pull
Firmware controlled 1.8V digital GPIO
Assigned to ARM MAC GP2-8. Float for
proper operation.
I_TEST-
B9
Reserved
-
Reserved analog test pins -- float for proper
operation.
I_TEST+
A9
-
Q_TEST-
B10
-
Q_TEST+
A10
-
VCO_CAP
A7
Miscellaneous
-
RF VCO core decoupling pin. Decouple this
pin through a ceramic capacitor to VDD_VCO
pin A6. Refer to evaluation platform
schematics for optimal capacitor value.
VCO_LOOP
A5
Miscellaneous
-
VCO loop filter pin. Connect this pin to thru a
loop filter network to VDD_VCO pin A6. Refer
to evaluation platform schematics for optimal
filter network.
EMU_SCL
D23
Miscellaneous
Optional EMU programming I2C clock
EMU_SDA
C24
Miscellaneous
Optional EMU programming I2C
data/address
RSRV_GND
K24
Reserved
-
Reserved pin. Connect to ground plane for
proper operation.
RSRV_NC
D14, D16,
G14, H14,
H16, J14,
K16, L1, L2,
L4, L5, L7,
M4, M8, M10,
N19, N23,
F23, L21, L19,
K14
Reserved
-
Reserved pins. Float for proper operation.
TCLK
L20
JTAG
Pull-Up
JTAG clock
TDI
K22
JTAG
No-Pull
JTAG data input
TDO
H24
JTAG
No-Pull
JTAG data output
TMS
N20
JTAG
Pull-Up
JTAG test mode select
TRSTN
N22
JTAG
Pull-Up
JTAG reset
Table 1.
STLC4420A signal descriptions (continued)
Pin name
Pin number
Type
Internal
resistor
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com