Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4420A Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 22Page - STMicroelectronics STLC4420A Datasheet HTML 23Page - STMicroelectronics STLC4420A Datasheet HTML 24Page - STMicroelectronics STLC4420A Datasheet HTML 25Page - STMicroelectronics STLC4420A Datasheet HTML 26Page - STMicroelectronics STLC4420A Datasheet HTML 27Page - STMicroelectronics STLC4420A Datasheet HTML 28Page - STMicroelectronics STLC4420A Datasheet HTML 29Page - STMicroelectronics STLC4420A Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Serial host interface
STLC4420A
26/40
The Host accesses each register as a 16-bit register. Registers which are physically 32-bits
have 2 addresses in the Host address space. The even address (A9 == 0) is the low 16-bits
and the odd address (A9 == 1) is the high 16-bits.
A15 is the read bit. A15 is set for reads and cleared for Writes. For example, to write ARM
Interrupt[31:16] address bits 15:0 are set to 16'h0100. Address bits 15:0 are set to 16'h8100
to read ARM Interrupt[31:16]. A7 - A0 are don't care bits and can be set to any value by the
Host. It is required that a full 16-bit address be sent. The initial data phase does not begin
until the 16-bit address phase has completed.
4.5
Host writes
The Host writes to a 16-bit register by sending a 16 bit Address phase with A15 set to zero.
The Address phase is followed by a 16-bit data phase. D15 is the first bit of data phase and
D0 is the last bit of the data phase. D15 - D0 are written to the selected register on the active
edge of SPI_CLK when D0 is present on SPI_DIN.
When the register is in the ARM or Shared clock domain the write process begins when on
the active edge of SPI_CLK when D0 is present on SPI_DIN. The write completes after the
data is synchronized into the ABClock domain. This process takes 3 ABClock cycles.
ABClocks are 30us each in Sleep mode! Host must ensure 90us delays between writes to
non-Sleep accessible registers when device is in Sleep mode.
If less than 16 bits are written during the data phase the data is not written to the addressed
register. The SPI_CLK may stop at any time. The current phase (address or data) is not
interrupted by a stopped (or slowed) SPI_CLK. The logic remains in the current phase until
SPI_CLK resumes or SPI_CSX is de-asserted.
Shared
X10 1110
RW
--
DMA write length
Shared
X11 0000
X11 0010
RW
--
DMA write base
Shared
X11 0100
RW
--
DMA read
control
Shared
X11 0110
RW
--
DMA read length
Shared
X11 1000
X11 1010
RW
--
DMA read base
1.
Readable during Sleep Mode without generating Sleep interrupt. All registers are readable during
Sleep Mode. Reading registers not marked as Readable during Sleep will set the ArmAsleep bit in
the Host and ARM Interrupt registers.
2.
Writable during Sleep Mode. All registers are writable during Sleep mode. Writing registers not
marked as writable during Sleep mode requires several 32 kHz clock cycles to complete the write
access and will set the ArmAsleep bit in the Host and Arm Interrupt.
Table 5.
Host registers (continued)
Domain
A14-A8
Access
Sleep access
Description
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com