Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4420A Datasheet(PDF) 25 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 21Page - STMicroelectronics STLC4420A Datasheet HTML 22Page - STMicroelectronics STLC4420A Datasheet HTML 23Page - STMicroelectronics STLC4420A Datasheet HTML 24Page - STMicroelectronics STLC4420A Datasheet HTML 25Page - STMicroelectronics STLC4420A Datasheet HTML 26Page - STMicroelectronics STLC4420A Datasheet HTML 27Page - STMicroelectronics STLC4420A Datasheet HTML 28Page - STMicroelectronics STLC4420A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
STLC4420A
Serial host interface
25/40
The read data is registered on the 15 SPI_CLK of the address phase. SPI_CSX high time
must be 20ABClocks - 15SPI_CLKs. If ABClock period is 100ns (10 MHz) and SPI_CLK
period is 40ns then the time between writing DMA write address register and reading the
DMA data register is (20 * 100) - (15 * 40) = 1.4us. If the ABClock period is 25ns (40 MHz)
then SPI_CSX high time is < 0 for Read data to be valid. In this case, only the Min High time
for SPI_CSX must be observed.
4.4
Host registers
The Host can access the registers listed in Table 5.
Figure 17.
AHB bus timing
Table 5.
Host registers
Domain
A14-A8
Access
Sleep access
Description
Notes
SPI_CLK
X00 0000
X00 0010
RW
RW
ARM interrupt
(1), (2)
ARM
X00 0100
X00 0110
R--
ARM interrupt
enable
ARM
X00 1000
X00 1010
R
--
Host interrupt
(1)
SPI_CLK
X00 1100
X00 1110
RW
RW
Host interrupt
enable
SPI_CLK
X01 0000
X01 0010
W--
Host interrupt
acknowledge
Shared
X01 0100
X01 0110
RW
--
GP1
communication
Shared
X01 1000
X01 1010
RW
--
GP2
communication
Host
X10 0100
X10 0110
RW
RW
Device control/
status
(1), (2)
Host
X10 1000
RW
--
DMA data
Shared
X10 1100
RW
--
DMA write
control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com