Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4420A Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 10Page - STMicroelectronics STLC4420A Datasheet HTML 11Page - STMicroelectronics STLC4420A Datasheet HTML 12Page - STMicroelectronics STLC4420A Datasheet HTML 13Page - STMicroelectronics STLC4420A Datasheet HTML 14Page - STMicroelectronics STLC4420A Datasheet HTML 15Page - STMicroelectronics STLC4420A Datasheet HTML 16Page - STMicroelectronics STLC4420A Datasheet HTML 17Page - STMicroelectronics STLC4420A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Electrical specifications
STLC4420A
14/40
3
Electrical specifications
Note:
The STLC4420 has an ESD classification of Class TBD.
Warning:
Stresses above those listed in the “Absolute Maximum
Ratings” may cause permanent damage to the device. This is
a stress only rating and operation of the device at these or
any other conditions above those indicated in the operational
sections of this specification is not implied.
Table 2.
General electrical specifications
Parameter
Test condition / comment
Min.
Typ.
Max.
Units
Absolute maximum ratings
PMU VBATT (Vcc)
-0.3
-
7.0
V
Voltage on any other pin
Within shared voltage rails
-0.3
-
Vcc +
0.3
V
Vcc to Vcc decouple
-0.3
-
+0.3
V
Any GND to GND
-0.3
-
+0.3
V
Operating conditions and input power specifications
Operating temperature range
-30
85
oC
VBATT
supply
Input supply voltage
Power Management Unit VBATT
supply input
3.0
3.6
5.5
V
Average continuous
tx current
Continuous Transmitting @
54Mbps, VBATT = 3.6 V
TBD
mA
Average continue rx
current
Receiving Valid Packets @
54Mbps, VBATT = 3.6 V
TBD
mA
Average standby
mode current
VBATT = 3.6 V
85
µA
VDIG
supply
Input supply voltage
Power management unit VDIG
supply for digital buffers
3
3.6
VBATT
V
Input supply current
VDIG = 3.6 V, Typical load is
application dependent
--
-
mA
VIO
supply
Input supply voltage
VIO input supply determines Host
CMOS logic levels for:
SPI_CSX, SPI_CLK, SPI_DIN,
SPI_DOUT, HOST_IRQ,
SLEEP_CLK, FREQ, RF_ACTIVE,
STATUS, TX_CONF,
GPIO4, GPIO5, GPIO6
1.62
1.8
1.98
V
Input supply current
VIO = 1.8 V
-
-
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com