Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4420A Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 15Page - STMicroelectronics STLC4420A Datasheet HTML 16Page - STMicroelectronics STLC4420A Datasheet HTML 17Page - STMicroelectronics STLC4420A Datasheet HTML 18Page - STMicroelectronics STLC4420A Datasheet HTML 19Page - STMicroelectronics STLC4420A Datasheet HTML 20Page - STMicroelectronics STLC4420A Datasheet HTML 21Page - STMicroelectronics STLC4420A Datasheet HTML 22Page - STMicroelectronics STLC4420A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
STLC4420A
Electrical specifications
19/40
BIAS DAC supply
voltage
2.8
3.15
V
SPI_DOUT
Tdod
SPI_DOUT delay from transmit
edge of SPI_CLK
07
ns
Tdozh
SPI_DOUT delay before HI-Z state
from rising edge of SPI_CSX
0ns
Tdozd
SPI_DOUT delay before driven
from HI-Z state on falling edge of
SPI_CSX
10
ns
Table 2.
General electrical specifications (continued)
Parameter
Test condition / comment
Min.
Typ.
Max.
Units
Table 3.
Host interface specifications
Parameter
Test condition / comment
Min.
Typ.
Max.
Units
Digital interface specifications
POWER_UP
Input
VIH
PMU Power up control. Active
High.
0.8
-
VBATT
V
VIL
0
-
0.3
V
Pull-Down
-
500
-
K ohms
Host CMOS
Inputs
VIH
VIO supply domain
0.7*VIO
-
VIO + 0.3
V
VIL
0
-
0.3*VIO
V
Host CMOS
Outputs
VOH
IOH = 0.2mA, VIO supply domain
VIO - 0.2
-
VIO
V
VOL
IOL = 6mA, VIO supply domain
0
-
0.6
V
Input Current
VIO supply domain
-1.0
-
+1.0
µA
OSC_EN
Input
VOH
IOH <= 2mA
1.4
-
-
V
VOL
IOL <= 2mA
-
-
0.4
V
REF_CLK
Input
Input Level
AC coupled
500
-
1000
mVpp
Accuracy
-
-
25
ppm
SLEEP_CLK
Input
Frequency
VIO supply domain
-
32.768
-
kHz
Accuracy
-
-
150
ppm
Duty Cycle
30
-
70
%
SPI timing specifications (refer to Figure 3)
SPI_CLK
Tcmin
SPI_CLK Period
20.8
ns
Tch
SPI_CLK High Time
10.4
ns
Tcl
SPI_CLK Low Time
10.4
ns
SPI_CSX
Tcssu
SPI_CSX Setup time to first clock
edge
10.4
ns
Tcsh
SPI_CSX hold time from last clock
edge
10.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com