Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4420A Datasheet(PDF) 29 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 25Page - STMicroelectronics STLC4420A Datasheet HTML 26Page - STMicroelectronics STLC4420A Datasheet HTML 27Page - STMicroelectronics STLC4420A Datasheet HTML 28Page - STMicroelectronics STLC4420A Datasheet HTML 29Page - STMicroelectronics STLC4420A Datasheet HTML 30Page - STMicroelectronics STLC4420A Datasheet HTML 31Page - STMicroelectronics STLC4420A Datasheet HTML 32Page - STMicroelectronics STLC4420A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
STLC4420A
Serial host interface
29/40
4.9
ARM AHB slave access
The ARM accesses the registers of the Serial Host via the AHB slave interface. lists the
registers that are implemented. Host only registers are listed for convenience only.
Table 6.
ARM register
ARM
Register
Offset
Access
Description
Reference
0x00
R
ARM Interrupt [31:0]
ARMInt
0x04
W
ARM Interrupt Acknowledge [31:0]
ARMIntAck
0x08
RW
ARM Interrupt Enable [31:0]
ARMIntEn
0x10
RW
Host Interrupt [31:0]
HostInt
0x18
R
Host Interrupt Enable [31:0]
HostIntEn
-
-
Host Interrupt Acknowledge [31:0]
--
0X20
RW
GP1 Communication [31:0]
GP1Com
0x24
RW
GP2 Communication [31:0]
GP2Com
-
-
Device Control/Status [31:0]
--
--
DMA Data
--
0x40
RW
DMA Write Control
DMAWriteControl
0x44
RW
DMA Write Length
DMAWriteLength
0x48
RW
DMA Write Base
DMAWriteBase
0x50
RW
DMA Read Control
DMAReadControl
0x54
RW
DMA Read Length
DMAReadLength
0x58
RW
DMA Read Base
DMAReadBase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com