Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4420A Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 17Page - STMicroelectronics STLC4420A Datasheet HTML 18Page - STMicroelectronics STLC4420A Datasheet HTML 19Page - STMicroelectronics STLC4420A Datasheet HTML 20Page - STMicroelectronics STLC4420A Datasheet HTML 21Page - STMicroelectronics STLC4420A Datasheet HTML 22Page - STMicroelectronics STLC4420A Datasheet HTML 23Page - STMicroelectronics STLC4420A Datasheet HTML 24Page - STMicroelectronics STLC4420A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
STLC4420A
Serial host interface
21/40
4
Serial host interface
4.1
Host pins
The Serial Host Interface consists of the following pins:
SPI_CLK: serial host clock input, 0 to 48 MHz.
SPI_DIN: serial host data input, sampled on active edge of SPI_CLK.
SPI_DOUT: serial host data output, driven when asserted low and floating when de-
asserted. SPI_DOUT is driven on inactive edge of SPI_CLK.
SPI_CSX: serial host chip select, active low chip select.
HOST_IRQ: serial host interrupt, active high interrupt to Host.
The serial host interface has 12 modes of operation controlled by 4 variables. The default
4-Wire mode may be changed by a SPI host write to the device status/ control register. If the
host requires a different SPI mode for normal operation, the host may need to toggle the
necessary SPI pins using GPIO-style interfacing to perform a 4-Wire write sequence to
change the mode.
The default 4-Wire single word write is show below in Figure 4.
The default 4-Wire single word read is shown below in Figure 5.
Figure 4.
4-Wire mode single word write
Figure 5.
4-Wire mode single word read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com