Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4420A Datasheet(PDF) 32 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 28Page - STMicroelectronics STLC4420A Datasheet HTML 29Page - STMicroelectronics STLC4420A Datasheet HTML 30Page - STMicroelectronics STLC4420A Datasheet HTML 31Page - STMicroelectronics STLC4420A Datasheet HTML 32Page - STMicroelectronics STLC4420A Datasheet HTML 33Page - STMicroelectronics STLC4420A Datasheet HTML 34Page - STMicroelectronics STLC4420A Datasheet HTML 35Page - STMicroelectronics STLC4420A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Registers description
STLC4420A
32/40
5.5
Host interrupt enable register
The Host writes this 32-bit register to enable interrupts from the host interrupt register. A
Host interrupt is generated if the corresponding bit in both the host interrupt register and the
host interrupt enable register are both active.
The format of the register is defined in Table 11.
5.6
Host interrupt acknowledge register
This 32-bit register is written by the Host, and clears interrupts in the Host Interrupt Register.
Writing a logic 1 in any bit position cause the corresponding interrupt bit to be cleared. All
other bits are unaffected.
The format of the register is defined in Table 12.
26:16
Reserved
Not Implemented
15:0
ARMMSG
General purpose Host Message Interrupts. Written by the ARM
to enable Interrupt on selected bit(s)
Table 10.
Host interrupt register
Bit position
Name
Description
Table 11.
Host interrupt enable register
Bit position
Name
Description
31
ARM_ASLEEP
Indicates that an access to hardware registers or device memory
(by Host) was attempted while the device was in sleep-mode.
30
DMA wr done
29
DMA rd done
28
DMA rd ready
27
NotSleep
26:16
Reserved
Not Implemented
15:0
HOSTMSG
General purpose ARM Message Interrupts. Written by the ARM
to cause an interrupt to the HOST
Table 12.
Host interrupt acknowledge register
Bit position
Name
Description
31
ARM_ASLEEP
Indicates that an access to hardware registers or device memory
(by Host) was attempted while the device was in sleep-mode.
30
DMA WR done
Last write occurred
29
DMA RD done
Last read occurred
28
DMA RD ready
DMA RD FIFO ready to be read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com