Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4420A Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 11Page - STMicroelectronics STLC4420A Datasheet HTML 12Page - STMicroelectronics STLC4420A Datasheet HTML 13Page - STMicroelectronics STLC4420A Datasheet HTML 14Page - STMicroelectronics STLC4420A Datasheet HTML 15Page - STMicroelectronics STLC4420A Datasheet HTML 16Page - STMicroelectronics STLC4420A Datasheet HTML 17Page - STMicroelectronics STLC4420A Datasheet HTML 18Page - STMicroelectronics STLC4420A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
STLC4420A
Electrical specifications
15/40
Internal power management unit (PMU) specifications
PMU_CREF
PMU reference capacitor
-30%
1
+30%
uF
PMU_RSET
PMU reference resistor
-1%
1
+1%
M
Ω
V1OUT
Linear
Regulator
Output Voltage
Active Mode
Low Power Mode
1.757
1.759
1.8
1.8
1.841
1.847
V
Peak Output Current
Active Mode
Low Power Mode
50
5
mA
External Output
Load Capacitor
Typical ESR = 0.1 ohm
-35%
1
+35%
uF
V2OUT
Linear
Regulator
Output Voltage
Active Mode
Low Power Mode
1.759
1.74
1.8
1.8
1.844
1.860
V
Peak Output Current
Active Mode
Low Power Mode
300
5
mA
External Output
Load Capacitor
Typical ESR = 0.1 ohm
-35%
2.2
+35%
uF
V2XOUT
Linear
Regulator
Output Voltage
Active Mode
Low Power Mode
1.159
1.150
1.2
1.2
1.244
1.250
V
Peak Output Current
Active Mode
Low Power Mode
280
20
mA
External Output
Load Capacitor
Typical ESR = 0.1 ohm
-35%
2.2
+35%
uF
V4OUT
Linear
Regulator
Output Voltage
Active Mode:
V4_OUTSEL=0
V4_OUTSEL=1
Low Power Mode:
V4_OUTSEL=0
V4_OUTSEL=1
2.726
3.016
2.726
3.016
2.81
3.11
2.81
3.11
2.894
3.203
2.894
3.203
V
Peak Output Current
Active Mode
Low Power Mode
30
5
mA
External Output
Load Capacitor
Typical ESR = 0.1 ohm
-35%
1
+35%
uF
Receiver specifications 802.11b/g (802.11a TBC)
RX RF Frequency
Range
802.11 b/g
2300
2500
MHz
802.11 a
4900
5850
RX LO Frequency
Range
4600
5000
MHz
RF Input VSWR
Differential, 100 Ohms reference
2:1
RX LO Phaser Jitter
50KHz to 10MHz, RMS LO/2
1.25
Deg
Table 2.
General electrical specifications (continued)
Parameter
Test condition / comment
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com