Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4420A Datasheet(PDF) 17 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 13Page - STMicroelectronics STLC4420A Datasheet HTML 14Page - STMicroelectronics STLC4420A Datasheet HTML 15Page - STMicroelectronics STLC4420A Datasheet HTML 16Page - STMicroelectronics STLC4420A Datasheet HTML 17Page - STMicroelectronics STLC4420A Datasheet HTML 18Page - STMicroelectronics STLC4420A Datasheet HTML 19Page - STMicroelectronics STLC4420A Datasheet HTML 20Page - STMicroelectronics STLC4420A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
STLC4420A
Electrical specifications
17/40
Multipath Delay
Spread
6Mbps, 10% PER
820
ns
9Mbps, 10% PER
430
ns
12Mbps, 10% PER
630
ns
18Mbps, 10% PER
405
ns
24Mbps, 10% PER
320
ns
36Mbps, 10% PER
210
ns
48Mbps,10% PER
160
ns
54Mbps, 10% PER
120
ns
1Mbps BPSK and 2Mbps QPSK,
8% PER
250
ns
5.5 and 11Mbps CCK, 8% PER
100
ns
Transmitter specifications 802.11b/g (802.11a TBC)
TX RF Frequency
Range
802.11 b/g
2300
2500
MHz
802.11 a
4900
5850
TX LO Frequency
Range
4600
5000
MHz
RF Output VSWR
Note: Over AGC range, b and g
Bands only
2:1
TX LO Phase Jitter
50KHz to 10MHz, RMS, LO/2
1.25
Deg
TX AGC Control
Dynamic Range
40
dB
TX AGC Control
Step Size
Monotonic
2
dBm
CCK Output Power
At 0 control attenuation. RF front
end properly matched
5
8
dBm
CCK Output Power
Case 1: Set TX AGC to obtain this
Pout.
Carrier offsets 0 to 10MHz
Carrier offsets >20MHz
3
dBm
OFDM Output Power
-6
dBm
Output Noise Floor
-135
dBm/Hz
-138
dBm/Hz
CCK Output Power
Case 2: Set TX AGC to obtain this
Pout
Carrier offsets 0 to 10MHz
Carrier offsets >20MHz
-7
dBm
OFDM Output Power
-16
dBm
Output Noise Floor
-137.5
dBm/Hz
-140.5
dBm/Hz
Table 2.
General electrical specifications (continued)
Parameter
Test condition / comment
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com