Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4420A Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 12Page - STMicroelectronics STLC4420A Datasheet HTML 13Page - STMicroelectronics STLC4420A Datasheet HTML 14Page - STMicroelectronics STLC4420A Datasheet HTML 15Page - STMicroelectronics STLC4420A Datasheet HTML 16Page - STMicroelectronics STLC4420A Datasheet HTML 17Page - STMicroelectronics STLC4420A Datasheet HTML 18Page - STMicroelectronics STLC4420A Datasheet HTML 19Page - STMicroelectronics STLC4420A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Electrical specifications
STLC4420A
16/40
LO to LNA Input
Feed through
At LO/2 Frequency. RF front end
properly matched and isolated
-70
dBm
At LO Frequency. RF front end
properly matched and isolated
-50
dBm
Maximum RX input
Level
b/g Band only. RF front end
properly matched
-23
-10
dBm
Adjacent
ChannelRejection
CCK CH6
35
37
OFDM 54Mbits Ch6
-1
11
TX to RX Input
Leakage
During transmit mode, affecting TX
distortion
+5
dBm
DSB NF
High Gain RX Mode, -90dBm input,
b and g Band only, front end losses
not included
5
7
dB
IP3 Input
-17
-16
dBm
IP2 Input
+13
dBm
DSB NF
Low Gain RX Mode, -20dBm input,
b and g Band only, front end losses
not included
29.8
dB
IP3 Input
+9
dBm
IP2 Input
+33
dBm
RF Hi/Lo Gain
Switching Point
b/g Band only. RF front end
properly matched.
-38
dBm
Receive Sensitivity,
b and g band, front
end losses not
included
6Mbps OFDM, 10% PER
-85
-90
dBm
9Mbps OFDM, 10% PER
-88
dBm
12Mbps OFDM, 10% PER
-87
dBm
18Mbps OFDM, 10% PER
-84
dBm
24Mbps OFDM, 10% PER
-80
dBm
36Mbps OFDM, 10% PER
-76
dBm
48Mbps OFDM, 10% PER
-73
dBm
54Mbps OFDM, 10% PER
-68
-71
dBm
1Mbps BPSK, 8% PER
-89
-96
dBm
2Mbps QPSK, 8% PER
-91
dBm
5.5Mbps CCK, 8% PER
-90
dBm
11Mbps CCK, 8% PER
-82
-86
dBm
Table 2.
General electrical specifications (continued)
Parameter
Test condition / comment
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com