Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4420A Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 14Page - STMicroelectronics STLC4420A Datasheet HTML 15Page - STMicroelectronics STLC4420A Datasheet HTML 16Page - STMicroelectronics STLC4420A Datasheet HTML 17Page - STMicroelectronics STLC4420A Datasheet HTML 18Page - STMicroelectronics STLC4420A Datasheet HTML 19Page - STMicroelectronics STLC4420A Datasheet HTML 20Page - STMicroelectronics STLC4420A Datasheet HTML 21Page - STMicroelectronics STLC4420A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Electrical specifications
STLC4420A
18/40
CCK Output Power
Case 3: Set TX AGC to obtain this
Pout
Carrier offsets 0 to 10MHz
Carrier offsets >20MHz
-17
dBm
OFDM Output Power
-26
dBm
Output Noise Floor
-140
dBm/Hz
-143
dBm/Hz
CCK Output Power
Case 4: Set TX AGC to obtain this
Pout
Carrier offsets 0 to 10 MHz
Carrier offsets >20 MHz
-27
dBm
OFDM Output Power
-36
dBm
Output Noise Floor
-142.5
dBm/Hz
-145.5
dBm/Hz
CCK Output Power
Case 5: Set TX AGC to obtain this
Pout
Carrier offsets 0 to 10 MHz Carrier
offsets >20 MHz
-37
dBm
OFDM output power
-46
dBm
Output noise floor
-145
dBm/Hz
-148
dBm/Hz
External power amplifier detector ADC specifications
Full scale input
voltage
At input of ADC
0
1.0
V
Maximum input
voltage
At PA_DETx input -- 16 tap
resistive divider tap node
VDDA
V
Input resistance
30K
Ohm
Input capacitance
0.5
pF
External power amplifier BIAS DAC specifications
Full scale output
current
At voltage output compliance >
1.8 V
2.5
mA
At voltage output compliance =
1.8 V
5
mA
Output voltage
compliance
Note: An external
resistor at PA_RREF
pin determines the
full scale output
current.
At -40°C, full scale output
current < 2.5mA, VDD_BIAS =
3.15 V
2.85
V
At +25°C, full scale output
current < 2.5mA, VDD_BIAS =
3.15 V
2.75
V
At +100°C, full scale output
current < 2.5mA, VDD_BIAS =
3.15 V
2.55
V
Full temperature range, scale
output current <= 5mA, VDD_BIAS
= 3.15 V
1.8
V
Table 2.
General electrical specifications (continued)
Parameter
Test condition / comment
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com