Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4420A Datasheet(PDF) 27 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 23Page - STMicroelectronics STLC4420A Datasheet HTML 24Page - STMicroelectronics STLC4420A Datasheet HTML 25Page - STMicroelectronics STLC4420A Datasheet HTML 26Page - STMicroelectronics STLC4420A Datasheet HTML 27Page - STMicroelectronics STLC4420A Datasheet HTML 28Page - STMicroelectronics STLC4420A Datasheet HTML 29Page - STMicroelectronics STLC4420A Datasheet HTML 30Page - STMicroelectronics STLC4420A Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
STLC4420A
Serial host interface
27/40
4.6
Host multi-word writes
The Host may write to multiple consecutive 16-bit registers by keeping SPI_CSX asserted
and continuing to toggle SPI_CLK after the initial 16-bit data phase has completed.
The register address is incremented by 2 at the end of each data phase for all register
address except the DMA data register.
Consecutive writes to the DMA data register are written to the DMA data register with no
address increment.
4.7
Host reads
The Host reads from a 16-bit register by sending a 16 bit Address phase with A15 set to
one. The Address phase is followed by a 16-bit data phase. D15 is the first bit of data phase
and D0 is the last bit of the data phase. Data is available on SPI_DOUT.
Any register may be accessed during Sleep mode. However, the usual synchronization
mechanism for ARM or Shared clock domain registers is bypassed in Sleep mode. Read
data is unpredictable if the ARM writes to the ARM or Shared clock domain register during a
Sleep Mode read by the Host.
The SPI_CLK may stop at any time. The current phase (address or data) is not interrupted
by a stopped (or slowed) SPI_CLK. The logic remains in the current phase until SPI_CLK
resumes or SPI_CSX is de-asserted. If less than 16-bits are read by the host during a data
phase to any register except the DMA Data register there is no effect on the internal state of
the registers. If less than 16-bits are read by the host during a data phase to the DMA Data
Figure 18.
Serial host multi-word write
Figure 19.
Serial host multi-word write DMA data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com