Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 60Page - ATMEL Corporation ATAR080 Datasheet HTML 61Page - ATMEL Corporation ATAR080 Datasheet HTML 62Page - ATMEL Corporation ATAR080 Datasheet HTML 63Page - ATMEL Corporation ATAR080 Datasheet HTML 64Page - ATMEL Corporation ATAR080 Datasheet HTML 65Page - ATMEL Corporation ATAR080 Datasheet HTML 66Page - ATMEL Corporation ATAR080 Datasheet HTML 67Page - ATMEL Corporation ATAR080 Datasheet HTML 68Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
65
ATAR080
4675D–4BMCU–12/04
Please attach this page to the approval form.
Filename: ___________________________ .HEX
CRC: ___________________________ (HEX)
Date: ____________
Signature: _________________________ Company: _________________________
Notes:
1. It is required to select an output option for each port pin (Port 2, Port 4, Port 5).
2. Don’t use external components at BP20 that pull to VSS during reset representing a resistor < 150k.
Option Settings for Ordering
[X] ATAR080
(-40°C to +85°C)
[ ] ATAR080-D
(-40°C to +125°C)
Please select the option settings from the list below and insert ROM CRC.
Output(1)
Input
Output
Input
Port 2
Port 5
BP20
(2)
[ ]
CMOS
[] Pull-up
BP50 [ ]
CMOS
[] Pull-up
[ ]
Open drain [N]
[] Pull-down
[ ]
Open drain [N]
[] Pull-down
[ ]
Open drain [P]
[] Pull-up Static
[ ]
Open drain [P]
[] Pull-up Static
[] Pull-down Static
[] Pull-down Static
BP21 [ ]
CMOS
[] Pull-up
BP51 [ ]
CMOS
[] Pull-up
[ ]
Open drain [N]
[] Pull-down
[ ]
Open drain [N]
[] Pull-down
[ ]
Open drain [P]
[] Pull-up Static
[ ]
Open drain [P]
[] Pull-up Static
[] Pull-down Static
[] Pull-down Static
BP22 [ ]
CMOS
[] Pull-up
BP52 [ ]
CMOS
[] Pull-up
[ ]
Open drain [N]
[] Pull-down
[ ]
Open drain [N]
[] Pull-down
[ ]
Open drain [P]
[] Pull-up Static
[ ]
Open drain [P]
[] Pull-up Static
[] Pull-down Static
[] Pull-down Static
BP23 [ ]
CMOS
[] Pull-up
BP53 [ ]
CMOS
[] Pull-up
[ ]
Open drain [N]
[] Pull-down
[ ]
Open drain [N]
[] Pull-down
[ ]
Open drain [P]
[] Pull-up Static
[ ]
Open drain [P]
[] Pull-up Static
[] Pull-down Static
[] Pull-down Static
Port 4
ECM (External Clock Monitor)
BP40 [ ]
CMOS
[] Pull-up
[ ]
Enable
[ ]
Open drain [N]
[] Pull-down
[ ]
Disable
[ ]
Open drain [P]
[] Pull-up Static
Used oscillator
[] Pull-down Static
[ ]
Ext. clock
BP41 [ ]
CMOS
[] Pull-up
[ ]
Ext. resistor
[ ]
Open drain [N]
[] Pull-down
[ ]
4-MHz crystal
[ ]
Open drain [P]
[] Pull-up Static
[ ]
32-kHz crystal
[] Pull-down Static
Pin 8 function
BP42 [ ]
CMOS
[] Pull-up
[ ]
NRST
[ ]
Open drain [N]
[] Pull-down
[ ]
OSC2
[ ]
Open drain [P]
[] Pull-up Static
Watchdog
[] Pull-down Static
[ ]
Softlock
BP43 [ ]
CMOS
[] Pull-up
[ ]
Hardlock
[ ]
Open drain [N]
[] Pull-down
[ ]
Open drain [P]
[] Pull-up Static
[] Pull-down Static



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com