Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 13Page - ATMEL Corporation ATAR080 Datasheet HTML 14Page - ATMEL Corporation ATAR080 Datasheet HTML 15Page - ATMEL Corporation ATAR080 Datasheet HTML 16Page - ATMEL Corporation ATAR080 Datasheet HTML 17Page - ATMEL Corporation ATAR080 Datasheet HTML 18Page - ATMEL Corporation ATAR080 Datasheet HTML 19Page - ATMEL Corporation ATAR080 Datasheet HTML 20Page - ATMEL Corporation ATAR080 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
17
ATAR080
4675D–4BMCU–12/04
Figure 19. Ceramic Resonator
Note:
Both, the 4-MHz and the 32-kHz crystal oscillator, use an integrated 14 stage divider cir-
cuit to stabilize oscillation before the oscillator output is used as system clock. This
results in an additional delay of about 4 ms for the 4-MHz crystal and about 500 ms for
the 32-kHz crystal.
32-kHz Oscillator
Some applications require long-term time keeping or low resolution timing. In this case,
an on-chip, low power 32-kHz crystal oscillator can be used to generate both the
SUBCL and the SYSCL. In this mode, power consumption is greatly reduced. The
32-kHz crystal oscillator can not be stopped while the power-down mode is in operation.
Figure 20. 32-kHz Crystal Oscillator
Note:
Both, the 4-MHz and the 32-kHz crystal oscillator, use an integrated 14 stage divider cir-
cuit to stabilize oscillation before the oscillator output is used as system clock. This
results in an additional delay of about 4 ms for the 4-MHz crystal and about 500 ms for
the 32-kHz crystal.
Clock Management
The clock management register controls the system clock divider and synchronization
stage. Writing to this register triggers the synchronization cycle.
4-MHz
oscillator
4Out
Stop
4Out
Osc-Stop
OSC1
OSC2
Oscin
Oscout
Cer.
Res
C
1
C
2
32-kHz
oscillator
32Out
32Out
OSC1
OSC2
Oscin
Oscout
XTAL
32 kHz
C
1
C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com