Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 34Page - ATMEL Corporation ATAR080 Datasheet HTML 35Page - ATMEL Corporation ATAR080 Datasheet HTML 36Page - ATMEL Corporation ATAR080 Datasheet HTML 37Page - ATMEL Corporation ATAR080 Datasheet HTML 38Page - ATMEL Corporation ATAR080 Datasheet HTML 39Page - ATMEL Corporation ATAR080 Datasheet HTML 40Page - ATMEL Corporation ATAR080 Datasheet HTML 41Page - ATMEL Corporation ATAR080 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
38
ATAR080
4675D–4BMCU–12/04
Duty Cycle Generator
The duty cycle generator generates duty cycles from 25%, 33% or 50%. The frequency
at the duty cycle generator output depends on the duty cycle and the Timer 2 prescaler
setting. The DCG-stage can also be used as an additional programmable prescaler for
Timer 2.
Figure 42. DCG Output Signals
T2MS1
Timer 2 Mode Select bit 1
T2MS0
Timer 2 Mode Select bit 0
Table 17. Timer 2 Mode Select Bits
Mode
T2MS1
T2MS0
Clock Output (POUT)
Timer 2 Modes
1
1
1
4-bit counter overflow (OVF1)
12-bit compare counter, the
DCG have to be bypassed in
this mode
2
1
0
4-bit compare output (CM1)
8-bit compare counter with
4-bit programmable prescaler
and duty cycle generator
3
0
1
4-bit compare output (CM1)
8-bit compare counter clocked
by SYSCL or the external
clock input T2I, 4-bit prescaler
run, the counter 2/1 starts after
writing mode 3
4
0
0
4-bit compare output (CM1)
8-bit compare counter clocked
by SYSCL or the external
clock input T2I, 4-bit prescaler
stop and resets
DCGIN
DCGO0
DCGO1
DCGO2
DCGO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com