Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 3Page - ATMEL Corporation ATAR080 Datasheet HTML 4Page - ATMEL Corporation ATAR080 Datasheet HTML 5Page - ATMEL Corporation ATAR080 Datasheet HTML 6Page - ATMEL Corporation ATAR080 Datasheet HTML 7Page - ATMEL Corporation ATAR080 Datasheet HTML 8Page - ATMEL Corporation ATAR080 Datasheet HTML 9Page - ATMEL Corporation ATAR080 Datasheet HTML 10Page - ATMEL Corporation ATAR080 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
7
ATAR080
4675D–4BMCU–12/04
ALU
Figure 7. ALU Zero-address Operations
The 4-bit ALU performs all the arithmetic, logical, shift and rotate operations with the top
two elements of the expression stack (TOS and TOS-1) and returns the result to the
TOS. The ALU operations affect the carry/borrow and branch flag in the condition code
register (CCR).
I/O Bus
The I/O ports and the registers of the peripheral modules are I/O mapped. All communi-
cation between the core and the on-chip peripherals take place via the I/O bus and the
associated I/O control. With the MARC4 IN and OUT instructions, the I/O bus allows a
direct read or write access to one of the 16 primary I/O addresses. More about the I/O
access to the on-chip peripherals is described in the section “Peripheral Modules”. The
I/O bus is internal and is not accessible by the customer on the final microcontroller
device, but it is used as the interface for the MARC4 emulation (see section
“Emulation”).
Instruction Set
The MARC4 instruction set is optimized for the high level programming language
qFORTH. Many MARC4 instructions are qFORTH words. This enables the compiler to
generate a fast and compact program code. The CPU has an instruction pipeline allow-
ing the controller to prefetch an instruction from ROM at the same time as the present
instruction is being executed. The MARC4 is a zero address machine, the instructions
containing only the operation to be performed and no source or destination address
fields. The operations are implicitly performed on the data placed on the stack. There
are one and two byte instructions which are executed within 1 to 4 machine cycles. A
MARC4 machine cycle is made up of two system clock cycles (SYSCL). Most of the
instructions are only one byte long and are executed in a single machine cycle. For
more information refer to the “MARC4 Programmer's Guide”.
Interrupt Structure
The MARC4 can handle interrupts with eight different priority levels. They can be gener-
ated from the internal and external interrupt sources or by a software interrupt from the
CPU itself. Each interrupt level has a hard-wired priority and an associated vector for the
service routine in the ROM (see Table 1 on page 9). The programmer can postpone the
processing of interrupts by resetting the interrupt enable flag (I) in the CCR. An interrupt
occurrence will still be registered, but the interrupt routine only starts after the I flag is
set. All interrupts can be masked, and the priority individually software configured by
programming the appropriate control register of the interrupting module (see section
“Peripheral Modules”).
TOS-1
CCR
RAM
TOS-2
SP
TOS-3
TOS
ALU
TOS-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com