Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 61 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 57Page - ATMEL Corporation ATAR080 Datasheet HTML 58Page - ATMEL Corporation ATAR080 Datasheet HTML 59Page - ATMEL Corporation ATAR080 Datasheet HTML 60Page - ATMEL Corporation ATAR080 Datasheet HTML 61Page - ATMEL Corporation ATAR080 Datasheet HTML 62Page - ATMEL Corporation ATAR080 Datasheet HTML 63Page - ATMEL Corporation ATAR080 Datasheet HTML 64Page - ATMEL Corporation ATAR080 Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
61
ATAR080
4675D–4BMCU–12/04
Figure 68. External RC Frequency versus T
amb
Figure 69. External RC Frequency versus R
ext
Figure 70. Pull-up Resistor versus V
DD
1.570
1.590
1.610
1.630
1.650
1.670
1.690
1.710
1.730
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
T
amb (°C)
2 V
V
DD = 6.5 V
3 V
R
ext = 43k
500.000
1500.000
2500.000
3500.000
4500.000
5500.000
10
20
30
40
50
60
70
80
90
100
110
R
ext (kΩ)
V
DD = 5 V
T
amb = 25°C
max
min
typ.
10.0
100.0
1000.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
V
DD (V)
T
amb = 85°C
V
IL = VSS
-40°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com