Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATAR080 Datasheet HTML 1Page - ATMEL Corporation ATAR080 Datasheet HTML 2Page - ATMEL Corporation ATAR080 Datasheet HTML 3Page - ATMEL Corporation ATAR080 Datasheet HTML 4Page - ATMEL Corporation ATAR080 Datasheet HTML 5Page - ATMEL Corporation ATAR080 Datasheet HTML 6Page - ATMEL Corporation ATAR080 Datasheet HTML 7Page - ATMEL Corporation ATAR080 Datasheet HTML 8Page - ATMEL Corporation ATAR080 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
5
ATAR080
4675D–4BMCU–12/04
Figure 5. RAM Map
Registers
The microcontroller has seven programmable registers and one condition code register
(see Figure 6).
Program Counter (PC)
The program counter is a 12-bit register which contains the address of the next instruc-
tion to be fetched from ROM. Instructions currently being executed are decoded in the
instruction decoder to determine the internal micro-operations. For linear code (no calls
or branches), the program counter is incremented with every instruction cycle. If a
branch-, call-, return-instruction or an interrupt is executed, the program counter is
loaded with a new address. The program counter is also used with the table instruction
to fetch 8-bit wide ROM constants.
Figure 6. Programming Model
RAM
FCh
00h
FFh
03h
04h
X
Y
SP
RP
Expression
stack
Return
stack
Global
variables
07h
(256
× 4-bit)
Autosleep
Global
variables
30
SP
Expression Stack
Return Stack
0
11
TOS-1
TOS-2
TOS-1
TOS
4-bit
RP
12-bit
0
7
0
11
RP
PC
Program Counter
Return Stack Pointer
Expression Stack Pointer
RAM Address Register (X)
RAM Address Register (Y)
Top of Stack Register
Condition Code Register
Carry/borrow
Branch
Interrupt enable
Reserved
0
0
0
7
SP
0
7
X
0
7
Y
0
3
TOS
0
3
CCR
C
--
B
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com