Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 35Page - ATMEL Corporation ATAR080 Datasheet HTML 36Page - ATMEL Corporation ATAR080 Datasheet HTML 37Page - ATMEL Corporation ATAR080 Datasheet HTML 38Page - ATMEL Corporation ATAR080 Datasheet HTML 39Page - ATMEL Corporation ATAR080 Datasheet HTML 40Page - ATMEL Corporation ATAR080 Datasheet HTML 41Page - ATMEL Corporation ATAR080 Datasheet HTML 42Page - ATMEL Corporation ATAR080 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
39
ATAR080
4675D–4BMCU–12/04
Timer 2 Mode Register 2 (T2M2)
Note:
If one of these output modes is used, the T2O alternate function of Port 4 must also be
activated.
Timer 2 Compare and Compare
Mode Registers
Timer 2 has two separate compare registers, T2CO1 for the 4-bit stage and T2CO2 for
the 8-bit stage of Timer 2. The timer compares the contents of the compare register cur-
rent counter value, and if it matches, it generates an output signal. Depending on the
timer mode, this signal is used to generate a timer interrupt, to toggle the output flip-flop
as SSI clock or as a clock for the next counter stage.
In the 12-bit timer mode, T2CO1 contains bits 0 to 3 and T2CO2 bits 4 to 11 of the 12-bit
compare value. In all other modes, the two compare registers work independently as a
4- and 8-bit compare register. When assigned to the compare register a compare event
will be suppressed.
Address: ’7’hex - Subaddress: ’2’hex
Bit 3
Bit 2
Bit 1
Bit 0
T2M2
T2TOP
T2OS2
T2OS1
T2OS0
Reset value: 1111b
T2TOP
Timer 2 Toggle Output Preset
This bit allows the programmer to preset the Timer 2 output T2O.
T2TOP = 0, resets the toggle outputs with the write cycle (M2 = 0)
T2TOP = 1, sets toggle outputs with the write cycle (M2 = 1)
Note: If T2R = 1, no output preset is possible
T2OS2
Timer 2 Output Select bit 2
T2OS1
Timer 2 Output Select bit 1
T2OS0
Timer 2 Output Select bit 0
Table 18. Timer 2 Output Select Bits
Output
Mode
T2OS2
T2MS1
T2MS0
Clock Output
11
11
Toggle mode: a Timer 2 compare match
toggles the output flip-flop (M2)
→T2O
21
10
Duty cycle burst generator 1: the DCG output
signal (DCG0) is given to the output and
gated by the output flip-flop (M2)
31
01
Duty cycle burst generator 2: the DCG output
signal (DCGO) is given to the output and
gated by the SSI internal data output (SO)
41
00
Bi-phase modulator: Timer 2 modulates the
SSI internal data output (SO) to
Bi-phase code
50
11
Manchester modulator: Timer 2 modulates
the SSI internal data output (SO) to
Manchester code
60
10
SSI output: T2O is used directly as SSI
internal data output (SO)
7
0
0
1
PWM mode: an 8/12-bit PWM mode
80
00
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com