Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 33Page - ATMEL Corporation ATAR080 Datasheet HTML 34Page - ATMEL Corporation ATAR080 Datasheet HTML 35Page - ATMEL Corporation ATAR080 Datasheet HTML 36Page - ATMEL Corporation ATAR080 Datasheet HTML 37Page - ATMEL Corporation ATAR080 Datasheet HTML 38Page - ATMEL Corporation ATAR080 Datasheet HTML 39Page - ATMEL Corporation ATAR080 Datasheet HTML 40Page - ATMEL Corporation ATAR080 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
37
ATAR080
4675D–4BMCU–12/04
Timer 2 Registers
Timer 2 has 6 control registers to configure the timer mode, the time interval, the input
clock and its output function. All registers are indirectly addressed using extended
addressing as described in section “Addressing Peripherals”. The alternate functions of
the Ports BP41 or BP42 must be selected with the Port 4 control register P4CR, if one of
the Timer 2 modes require an input at T2I/BP41 or an output at T2O/BP42.
Timer 2 Control Register (T2C)
Timer 2 Mode Register 1 (T2M1)
Address: ’7’hex - Subaddress: ’0’hex
Bit 3
Bit 2
Bit 1
Bit 0
T2C
T2CS1
T2CS0
T2TS
T2R
Reset value: 0000b
T2CS1
Timer 2 Clock Select bit 1
T2CS0
Timer 2 Clock Select bit 0
Table 15. Timer 2 Clock Select Bits
T2CS1
T2CS0
Input Clock (CL 2/1) of Counter Stage 2/1
0
0
System clock (SYSCL)
0
1
Output signal of Timer 1 (T1OUT)
1
0
Internal shift clock of SSI (SCL)
11
Reserved
T2TS
Timer 2 Toggle with Start
T2TS = 0, the output flip-flop of Timer 2 is not toggled with the timer start
T2TS = 1, the output flip-flop of Timer 2 is toggled when the timer is started with T2R
T2R
Timer 2 Run
T2R = 0, Timer 2 stop and reset
T2R = 1, Timer 2 run
Address: ’7’hex - Subaddress: ’1’hex
Bit 3
Bit 2
Bit 1
Bit 0
T2M1
T2D1
T2D0
T2MS1
T2MS0
Reset value: 1111b
T2D1
Timer 2 Duty cycle bit 1
T2D0
Timer 2 Duty cycle bit 0
Table 16. Timer 2 Duty Cycle Bits
T2D1
T2D0
Function of Duty Cycle Generator (DCG)
Additional Divider Effect
1
1
Bypassed (DCGO0)
/1
1
0
Duty cycle 1/1 (DCGO1)
/2
0
1
Duty cycle 1/2 (DCGO2)
/3
0
0
Duty cycle 1/3 (DCG03)
/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com