Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 5Page - ATMEL Corporation ATAR080 Datasheet HTML 6Page - ATMEL Corporation ATAR080 Datasheet HTML 7Page - ATMEL Corporation ATAR080 Datasheet HTML 8Page - ATMEL Corporation ATAR080 Datasheet HTML 9Page - ATMEL Corporation ATAR080 Datasheet HTML 10Page - ATMEL Corporation ATAR080 Datasheet HTML 11Page - ATMEL Corporation ATAR080 Datasheet HTML 12Page - ATMEL Corporation ATAR080 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
9
ATAR080
4675D–4BMCU–12/04
Software Interrupts
The programmer can generate interrupts by using the software interrupt instruction
(SWI), which is supported in qFORTH by predefined macros named SWI0...SWI7. The
software triggered interrupt operates exactly like any hardware triggered interrupt. The
SWI instruction takes the top two elements from the expression stack and writes the cor-
responding bits via the I/O bus to the interrupt pending register. Therefore, by using the
SWI instruction, interrupts can be re-prioritized or lower priority processes scheduled for
later execution.
Hardware Interrupts
In the ATAR080, there are eleven hardware interrupt sources with seven different lev-
els. Each source can be masked individually by mask bits in the corresponding control
registers. An overview of the possible hardware configurations is shown in Table 2.
Table 1. Interrupt Priority Table
Interrupt
Priority
ROM Address Interrupt Opcode
Function
INT0
lowest
040h
C8h (SCALL 040h)
Software interrupt (SWI0)
INT1
|
080h
D0h (SCALL 080h)
External hardware interrupt, any edge at BP52 or BP53
INT2
|
0C0h
D8h (SCALL 0C0h)
Timer 1 interrupt
INT3
|
100h
E8h (SCALL 100h)
SSI interrupt or external hardware interrupt at BP40 or BP43
INT4
|
140h
E8h (SCALL 140h)
Timer 2 interrupt
INT5
|
180h
F0h (SCALL 180h)
Software interrupt (SW15)
INT6
↓
1C0h
F8h (SCALL 1C0h)
External hardware interrupt, at any edge at BP50 or BP51
INT7
highest
1E0h
FCh (SCALL 1E0h)
Voltage monitor (VM) interrupt
Table 2. Hardware Interrupts
Interrupt
Interrupt Mask
Interrupt Source
Register
Bit
INT1
P5CR
P52M1, P52M2
P53M1, P53M2
Any edge at BP52
Any edge at BP53
INT2
T1M
T1IM
Timer 1
INT3
SISC
SIM
SSI buffer full/empty or BP40/BP43 interrupt
INT4
T2CM
T2IM
Timer 2 compare match/overflow
INT6
P5CR
P50M1, P50M2
P51M1, P51M2
Any edge at BP50
Any edge at BP51
INT7
VCM
VIM
External/internal voltage monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com