Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 43Page - ATMEL Corporation ATAR080 Datasheet HTML 44Page - ATMEL Corporation ATAR080 Datasheet HTML 45Page - ATMEL Corporation ATAR080 Datasheet HTML 46Page - ATMEL Corporation ATAR080 Datasheet HTML 47Page - ATMEL Corporation ATAR080 Datasheet HTML 48Page - ATMEL Corporation ATAR080 Datasheet HTML 49Page - ATMEL Corporation ATAR080 Datasheet HTML 50Page - ATMEL Corporation ATAR080 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
47
ATAR080
4675D–4BMCU–12/04
Figure 50. MCL Bus Protocol 2
SSI Interrupt
The SSI interrupt INT3 can be generated either by an SSI buffer register status (i.e.,
transmit buffer empty or receive buffer full) at the end of an SSI data telegram or on the
falling edge of the SC/SD pins on Port 4 (see P4CR). SSI interrupt selection is per-
formed by the Interrupt FunctioN control bit (IFN). The SSI interrupt is usually used to
synchronize the software control of the SSI and inform the controller of the present SSI
status. Port 4 interrupts can be used together with the SSI or, if the SSI itself is not
required, as additional external interrupt sources. In either case this interrupt is capable
of waking the controller out of sleep mode.
To enable and select the SSI relevant interrupts use the SSI interrupt mask (SIM) and
the Interrupt Function (IFN) while Port 4 interrupts are enabled by setting appropriate
control bits in P4CR register.
Modulation
If the shift register is used together with Timer 2 for modulation purposes, the 8-bit syn-
chronous mode must be used. In this case, the unused Port 4 pins can be used as
conventional bi-directional ports.
The modulation stage, if enabled, operates as soon as the SSI is activated (SIR = 0) and
ceases when deactivated (SIR = 1).
Due to the byte-orientated data control, the SSI (when running normally) generates
serial bit-streams which are submultiples of 8 bits. However, an SSI output masking
(OMSK) function permits the generation of bit-streams of any length. The OMSK signal
is derived indirectly from the 4-bit prescaler of the Timer 2 and masks out a programma-
ble number of unrequired trailing data bits during the shifting out of the final data word in
the bit stream. The number of non-masked data bits is defined by the value pre-pro-
grammed in the prescaler compare register. To use output masking, the modulator stop
mode bit (MSM) must be set to '0' before programming the final data word into the SSI
transmit buffer. This in turn, enables shift clocks to the prescaler when this final word is
shifted out. On reaching the compare value, the prescaler triggers the OMSK signal and
all following data bits are blanked.
SC
SD
Start
1n
89
1st Bit
8th Bit
ACK
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com