Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 64 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 60Page - ATMEL Corporation ATAR080 Datasheet HTML 61Page - ATMEL Corporation ATAR080 Datasheet HTML 62Page - ATMEL Corporation ATAR080 Datasheet HTML 63Page - ATMEL Corporation ATAR080 Datasheet HTML 64Page - ATMEL Corporation ATAR080 Datasheet HTML 65Page - ATMEL Corporation ATAR080 Datasheet HTML 66Page - ATMEL Corporation ATAR080 Datasheet HTML 67Page - ATMEL Corporation ATAR080 Datasheet HTML 68Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
64
ATAR080
4675D–4BMCU–12/04
Figure 77. Output Low Current versus T
amb, VDD = 6.5 V, VOL = 0.2 × VDD
Emulation
The basic function of emulation is to test and evaluate the customer's program and
hardware in real time. This therefore enables the analysis of any timing, hardware or
software problem. For emulation purposes, all MARC4 controllers include a special
emulation mode. In this mode, the internal CPU core is inactive and the I/O buses are
available via Port 0 and Port 1 to allow an external access to the on-chip peripherals.
The MARC4 emulator uses this mode to control the peripherals of any MARC4 control-
ler (target chip) and emulates the lost ports for the application.
The MARC4 emulator can stop and restart a program at specified points during execu-
tion, making it possible for the applications engineer to view the memory contents and
those of various registers during program execution. The designer also gains the ability
to analyze the executed instruction sequences and all the I/O activities.
Figure 78. MARC4 Emulation
0
5
10
15
20
25
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
T
amb (°C)
max.
typ.
min.
MARC4 target chip
CORE
(inactive)
Application-specific hardware
Peripherals
MARC4 emulator
Program
memory
Trace
memory
Control
logic
Personal computer
CORE
MARC4
emulation-CPU
I/O control
I/O bus
Port 0
Port 1
SYSCL/
TCL,
TE, NRST
Emulation control
Emulator target board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com