Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 7Page - ATMEL Corporation ATAR080 Datasheet HTML 8Page - ATMEL Corporation ATAR080 Datasheet HTML 9Page - ATMEL Corporation ATAR080 Datasheet HTML 10Page - ATMEL Corporation ATAR080 Datasheet HTML 11Page - ATMEL Corporation ATAR080 Datasheet HTML 12Page - ATMEL Corporation ATAR080 Datasheet HTML 13Page - ATMEL Corporation ATAR080 Datasheet HTML 14Page - ATMEL Corporation ATAR080 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
11
ATAR080
4675D–4BMCU–12/04
Figure 10. Brown-out Detection
Note:
BOT = 1, low brown-out voltage threshold. (1.65 V is the reset value).
BOT = 0, high brown-out voltage threshold (1.95 V).
A power-on reset pulse is generated by a V
DD rise across the default BOT voltage level
(1.65 V). A brown-out reset pulse is generated when V
DD falls below the brown-out volt-
age threshold. Two values for the brown-out voltage threshold are programmable via
the BOT bit in the SC register. When the controller runs in the upper supply voltage
range with a high system clock frequency, the high threshold must be used. When it
runs with a lower system clock frequency, the low threshold and a wider supply voltage
range may be chosen. For further details, see the electrical specification and the SC
register description for BOT programming.
Watchdog Reset
The watchdog's function can be enabled at the WDC-register and triggers a reset with
every watchdog counter overflow. To suppress the watchdog reset, the watchdog
counter must be regularly reset by reading the watchdog register address (CWD). The
CPU reacts in exactly the same manner as a reset stimulus from any of the above
sources.
External Clock Supervisor
The external input clock supervisor function can be enabled if the external input clock is
selected within the CM- and SC registers of the clock module. The CPU reacts in exactly
the same manner as a reset stimulus from any of the above sources.
Voltage Monitor
The voltage monitor consists of a comparator with internal voltage reference. It is used
to supervise the supply voltage or an external voltage at the VMI pin. The comparator for
the supply voltage has three internal programmable thresholds: one lower threshold
(2.15 V), one middle threshold (2.55 V) and one higher threshold (2.95 V). For external
voltages at the VMI pin, the comparator threshold is set to V
BG = 1.25 V. The VMS-bit
indicates if the supervised voltage is below (VMS = 0) or above (VMS = 1) this thresh-
old. An interrupt can be generated when the VMS-bit is set or reset to detect a rising or
falling slope. A voltage monitor interrupt (INT7) is enabled when the interrupt mask bit
(VIM) is reset in the VMC-register.
V
DD
CPU
Reset
t
BOT = 1
1.95 V
1.65 V
BOT = 0
t
d = 1.5 ms (typically)
t
d
t
d
t
d
CPU
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com