Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATAR080 Datasheet HTML 1Page - ATMEL Corporation ATAR080 Datasheet HTML 2Page - ATMEL Corporation ATAR080 Datasheet HTML 3Page - ATMEL Corporation ATAR080 Datasheet HTML 4Page - ATMEL Corporation ATAR080 Datasheet HTML 5Page - ATMEL Corporation ATAR080 Datasheet HTML 6Page - ATMEL Corporation ATAR080 Datasheet HTML 7Page - ATMEL Corporation ATAR080 Datasheet HTML 8Page - ATMEL Corporation ATAR080 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
4
ATAR080
4675D–4BMCU–12/04
Components of MARC4
Core
Figure 4. ROM Map
The core contains ROM, RAM, ALU, program counter, RAM address registers, instruc-
tion decoder and interrupt controller. The following sections describe each functional
block in more detail.
ROM
The program memory (ROM) is mask programmed with the customer application pro-
gram during fabrication of the microcontroller. The 2 Kbyte ROM size is addressed by a
12-bit wide program counter. An additional 1-Kbyte of ROM exists, which is reserved for
quality control self-test software The lowest user ROM address segment is taken up by
a 512-byte Zero page which contains predefined start addresses for interrupt service
routines and special subroutines accessible with single byte instructions (SCALL).
The corresponding memory map is shown in Figure 4. Look-up tables of constants can
also be held in ROM and are accessed via the MARC4's built-in table instruction.
RAM
The ATAR080 contains 256
× 4-bit wide static random access memory (RAM), which is
used for the expression stack. The return stack and data memory are used for variables
and arrays. The RAM is addressed by any of the four 8-bit wide RAM address registers
SP, RP, X and Y.
Expression Stack
The 4-bit wide expression stack is addressed with the expression stack pointer (SP). All
arithmetic, I/O and memory reference operations take their operands, and return their
results to the expression stack. The MARC4 performs the operations with the top of
stack items (TOS and TOS-1). The TOS register contains the top element of the expres-
sion stack and works in the same way as an accumulator. This stack is also used for
passing parameters between subroutines and as a scratch pad area for temporary stor-
age of data.
Return Stack
The 12-bit wide return stack is addressed by the return stack pointer (RP). It is used for
storing return addresses of subroutines, interrupt routines and for keeping loop index
counts. The return stack can also be used as a temporary storage area.
The MARC4 instruction set supports the exchange of data between the top elements of
the expression stack and the return stack. The two stacks within the RAM have a user
definable location and maximum depth.
7FFh
1FFh
000h
1F0h
1F8h
010h
018h
000h
008h
020h
1E8h
1E0h
140h
180h
040h
0C0h
008h
$AUTOSLEEP
$RESET
INT0
INT1
INT2
INT3
INT4
INT5
INT6
INT7
1E0h
1C0h
100h
080h
000h
ROM
(2 K
× 8 bit)
Zero page
Zero
page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com