Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 50Page - ATMEL Corporation ATAR080 Datasheet HTML 51Page - ATMEL Corporation ATAR080 Datasheet HTML 52Page - ATMEL Corporation ATAR080 Datasheet HTML 53Page - ATMEL Corporation ATAR080 Datasheet HTML 54Page - ATMEL Corporation ATAR080 Datasheet HTML 55Page - ATMEL Corporation ATAR080 Datasheet HTML 56Page - ATMEL Corporation ATAR080 Datasheet HTML 57Page - ATMEL Corporation ATAR080 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
54
ATAR080
4675D–4BMCU–12/04
Combination Mode 5: Bi-phase Modulation 2
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 2
modulator stage
Timer 2 mode 3:
8-bit compare counter and 4-bit prescaler
Timer 2 output mode 4:
Modulator 2 of Timer 2 modulates the SSI data output to
Bi-phase code
The 4-bit stage can be used as prescaler for the SSI to generate the stop signal for Mod-
ulator 2. The SSI has a special mode to supply the prescaler via the shift-clock. The
control output signal (OMSK) of the SSI is used as a stop signal for the modulator. Fig-
ure 57 is an example for a 13-bit Bi-phase telegram:
Figure 57. Bi-phase Modulation 2
00
000
00
0
1
2
3
4
5
0
Counter 2/1 = Compare Register 2/1 (= 5)
Bit 7 Bit 6
Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
SCLI
Buffer full
SIR
SO
SC
MSM
Timer 2
Mode 3
SCL
2/1
OMSK
T2O
01
2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
All inputs and outputs are protected against high electrostatic voltages or electric fields. However, precautions to minimize the build-up of
electrostatic charges during handling are recommended. Reliability of operation is enhanced if unused inputs are connected to an
appropriate logic voltage level (e.g., V
DD).
Parameters
Symbol
Value
Unit
Supply voltage
V
DD
-0.3 to + 6.5
V
Input voltage (on any pin)
V
IN
V
SS -0.3 ≤VIN ≤VDD +0.3
V
Output short circuit duration
t
short
Indefinite
s
Operating temperature range
T
amb
-40 to +85
° C
Storage temperature range
T
stg
-40 to +130
° C
Thermal resistance (SSO20)
R
thJA
140
K/W
Soldering temperature (t
≤10 s)
T
sld
260
° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com