Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR080 Datasheet(PDF) 57 Page - ATMEL Corporation

Part # ATAR080
Description  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080 Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button ATAR080 Datasheet HTML 53Page - ATMEL Corporation ATAR080 Datasheet HTML 54Page - ATMEL Corporation ATAR080 Datasheet HTML 55Page - ATMEL Corporation ATAR080 Datasheet HTML 56Page - ATMEL Corporation ATAR080 Datasheet HTML 57Page - ATMEL Corporation ATAR080 Datasheet HTML 58Page - ATMEL Corporation ATAR080 Datasheet HTML 59Page - ATMEL Corporation ATAR080 Datasheet HTML 60Page - ATMEL Corporation ATAR080 Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
57
ATAR080
4675D–4BMCU–12/04
Figure 58. Crystal and Equivalent Circuit
RC Oscillator 1
Frequency
f
RcOut1
3.8
MHz
Stability
V
DD = 2.0 V to 6.5 V
T
amb = -40°C to 85° C
∆f/f
±50
%
RC Oscillator 2 – External Resistor
Frequency
R
ext = 47 kΩ
f
RcOut2
1.6
MHz
Stability
V
DD = 2.0 V to 6.5 V
T
amb = -40°C to 85° C
∆f/f
±15
%
Stabilization time
t
S
1ms
External resistor
R
ext
12
47
100
k
Ω
32-kHz Crystal Oscillator (Operating Range 2.0 V to 6.5 V)
Frequency
f
X
32.768
kHz
Start-up time
t
SQ
0.5
s
Stability
∆f/f
-10
10
ppm
4-MHz Crystal Oscillator (Operating Range 2.2 V to 6.5 V)
Frequency
f
X
4MHz
Start-up time
t
SQ
5ms
Stability
∆f/f
-10
10
ppm
External 32-kHz Crystal Parameters
Crystal frequency
f
X
32.768
kHz
Serial resistance
RS
30
50
k
Ω
Static capacitance
C0
1.5
pF
Dynamic capacitance
C1
3
fF
External 4-MHz Crystal Parameters
Crystal frequency
fX
4.0
MHz
Serial resistance
RS
40
150
Ω
Static capacitance
C0
1.4
3
pF
Dynamic capacitance
C1
3
fF
External 4-MHz Ceramic Parameters
Frequency
fC
4.0
MHz
Serial resistance
RS
8
20
Ω
Static capacitance
C0
36
45
pF
Dynamic capacitance
C1
4.4
pF
Electrical Characteristics – AC Operating (Continued)
Supply voltage V
DD = 1.8 V to 6.5 V, VSS = 0 V, Tamb = 25°C unless otherwise specified
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
L
C1
RS
C0
OSCIN
OSCOUT
Equivalent
circuit
SCLIN
SCLOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com